Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM13 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STPM13
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM13 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STPM13 Datasheet HTML 33Page - STMicroelectronics STPM13 Datasheet HTML 34Page - STMicroelectronics STPM13 Datasheet HTML 35Page - STMicroelectronics STPM13 Datasheet HTML 36Page - STMicroelectronics STPM13 Datasheet HTML 37Page - STMicroelectronics STPM13 Datasheet HTML 38Page - STMicroelectronics STPM13 Datasheet HTML 39Page - STMicroelectronics STPM13 Datasheet HTML 40Page - STMicroelectronics STPM13 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
STPM11, STPM12, STPM13, STPM14
STPM1x calibration
Doc ID 13167 Rev 8
37/46
9
STPM1x calibration
Energy meters based on STPM1x devices are calibrated on the frequency of the output
pulse signal.
The devices are comprised of two independent meter channels for line voltage and current
respectively. Each channel includes its own digital calibrator, to adjust the voltage and
current signals coming from the sensors in the range of ±12.5% in 256 steps. A digital filter
is included to remove any signal DC component.
The devices produce an energy output pulse signal whose frequency is proportional to the
measured active energy.
The devices have an embedded memory, 54 bits, used for configuration and calibration
purposes. The value of these bits can be written temporarily or permanently through CFGI
communication channel.
The basic information needed to start the calibration procedure is found in Table 17 and
Table 18:
The following typical STPM01 parameters and constants are also known:
Av is constant. While, Ai is chosen according to the sensor
Gv and Gi are constant
Cv and Ci are 8bits register (CHV, CHP and CHS)
From the values above and for both the given amplification factor and initial calibration data,
the following target values can be calculated:
Considering that Ci=0 generates a correction of 75% and that Ci=128 determines a
correction factor of 87.5%, and the same for Cv, the total correction for the power stands
Table 17.
Calibration entries
Symbol
Description
Value
Vn
Line RMS voltage
(230 V)
In
Line RMS current
(5 A)
P
Power sensitivity
(LED: P=128000 pulses/kWh, Stepper Motor: PM=P/64= 2000 pulses/kWh)
Si
Shunt Sensor
0,42 mV/A
Table 18.
Device calculation constants
Symbol
Description
Value
Vbg
Reference voltage
(1.23 V
± 2%)
fM
Clock
(223 Hz
± 50ppm)
Av, Ai
Amplification of ADC
[4
± 1%, (8, 16, 24, 32) ± 2%)]
Gp
Gain of voltage and current decimation filters
(0.504008)
Cv, Ci
Calibration data range
(min = 0, ini = 128, max = 255)
DL
AW Bit position that generates LED signal
(211)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com