Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM13 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STPM13
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM13 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STPM13 Datasheet HTML 18Page - STMicroelectronics STPM13 Datasheet HTML 19Page - STMicroelectronics STPM13 Datasheet HTML 20Page - STMicroelectronics STPM13 Datasheet HTML 21Page - STMicroelectronics STPM13 Datasheet HTML 22Page - STMicroelectronics STPM13 Datasheet HTML 23Page - STMicroelectronics STPM13 Datasheet HTML 24Page - STMicroelectronics STPM13 Datasheet HTML 25Page - STMicroelectronics STPM13 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Theory of operation
STPM11, STPM12, STPM13, STPM14
22/46
Doc ID 13167 Rev 8
periods of line voltage when the current of secondary channel is used instead. Four periods
before the primary to secondary switching point, a tamper detection module is activated. It is
deactivated after eight periods of line have elapsed. This means that energy of four periods
of primary channel immediately followed by energy of four periods of secondary channel is
sampled within the tamper module. We shall call those samples A and B respectively. From
these two samples the criteria of tamper detection is calculated. If four consecutive new
results of criteria happen, i.e. after elapsed 5.12s at 50 Hz, the meter will enter into tamper
state.
Tamper state
Within this state the multiplex ratio will change either to 60:4, when primary current is higher
than secondary, or to 4:60 otherwise. Thus, the channel with the higher current is used in
the energy calculation. The energy is not averaged by the mentioned ratio, rather the last
measured higher current is used also during 4 line period gap. The gap is still needed in
order to monitor the samples of the non-selected channel, which should check when the
tamper detected state is changed to either normal or another tamper detected state.
Several cases of transition of the state are shown in the Figure 17 - below
The detected tamper condition is stored in the BIT signal. This signal is connected to the
SDA-TD pin. When this pin is low, a tamper condition has been detected.
Figure 17.
Tamper conditions
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com