Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM13 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPM13
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM13 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPM13 Datasheet HTML 6Page - STMicroelectronics STPM13 Datasheet HTML 7Page - STMicroelectronics STPM13 Datasheet HTML 8Page - STMicroelectronics STPM13 Datasheet HTML 9Page - STMicroelectronics STPM13 Datasheet HTML 10Page - STMicroelectronics STPM13 Datasheet HTML 11Page - STMicroelectronics STPM13 Datasheet HTML 12Page - STMicroelectronics STPM13 Datasheet HTML 13Page - STMicroelectronics STPM13 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Electrical characteristics
STPM11, STPM12, STPM13, STPM14
10/46
Doc ID 13167 Rev 8
ILATCH
Current injection latch-up
immunity
300
mA
Analog Inputs (IIP1, IIN1, IIP2, IIN2, VIP, VIN)
VMAX
Maximum input signal levels
Voltage channel
-0.3
0.3
V
Current
channels
Gain 8X
-0.15
0.15
V
Gain 16X
-0.075
0.075
Gain 24X
-0.05
0.05
Gain 32X
-0.035
0.035
fADC
A/D Converter bandwidth
10
kHz
fSPL
A/D Sampling frequency
FCLK/4
Hz
VOFF
Amplifier offset
±20
mV
ZIP
VIP, VIN Impedance
Over the total operating voltage
range
100
400
k
Ω
ZIN
VIP1, VIN1, VIP2, VIN2
Impedance
Over the total operating voltage
range
100
k
Ω
GERR
Current channels gain error
±10
%
IILV
Voltage channel leakage
current
-1
1
µA
ILEAK
Current channel leakage
current
Input disabled
-1
1
µA
Input enabled
-10
10
Digital I/O Characteristics (SDA-TD, CLKIN, CLKOUT, SCS, SYN-NP, LED)
VIH
Input high voltage
SDA-TD, SCS, SYN-NP, LED
0.75VC
C
V
CLKIN
1.5
VIL
Input low voltage
SDA-TD, SCS, SYN-NP, LED
0.25VCC
V
CLKIN
0.8
VOH
Output high voltage
IO = -2 mA
VCC-0.4
V
VOL
Output low voltage
IO = +2 mA
0.4
V
IUP
Pull up current
15
µA
tTR
Transition time
CLOAD = 50 pF
10
ns
Power I/O Characteristics (MOP, MON)
VOH
Output high voltage
IO = -14 mA
VCC-0.5
V
VOL
Output low voltage
IO = +14 mA
0.5
V
tTR
Transition time
CLOAD = 50 pF
5
10
ns
Crystal oscillator (STPM12/14)
II
Input current on CLKIN
±1
µA
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com