Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM13 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPM13
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM13 Datasheet(HTML) 1 Page - STMicroelectronics

  STPM13 Datasheet HTML 1Page - STMicroelectronics STPM13 Datasheet HTML 2Page - STMicroelectronics STPM13 Datasheet HTML 3Page - STMicroelectronics STPM13 Datasheet HTML 4Page - STMicroelectronics STPM13 Datasheet HTML 5Page - STMicroelectronics STPM13 Datasheet HTML 6Page - STMicroelectronics STPM13 Datasheet HTML 7Page - STMicroelectronics STPM13 Datasheet HTML 8Page - STMicroelectronics STPM13 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
June 2011
Doc ID 13167 Rev 8
1/46
46
STPM11, STPM12
STPM13, STPM14
Single phase energy metering IC with pulsed output
and digital calibration
Features
■ Ripple free active energy pulsed output
■ Direct stepper counter drivers
■ Shunt, current transformer, Rogowsky coil
sensors
■ Live and neutral monitoring (STPM13/14)
■ Easy and fast digital calibration at only one
load point
■ No-load, negative power and tamper indicators
■ Integrated linear VREGs
■ RC (STPM11/13) or crystal oscillator
(STPM12/14)
■ Support 50 ÷ 60 Hz - IEC62052-11, IEC62053-
2X specification
■ Less than 0.1% error
Description
The STPM1x family is designed for effective
measurement of active energy in a power line
system using a Rogowski Coil, current
transformer and shunt sensors. This device is
specifically designed to provide all the necessary
features to implement a single phase energy
meter without any other active component. The
STPM1x device family consists, essentially, of two
parts: the analog part and the digital part. The
former, is composed of a preamplifier and first
order
∑ Δ A/D converter blocks, band gap voltage
reference, low drop voltage regulator. The digital
part is composed of a system control, oscillator,
hard wired DSP and interface for calibration and
configuration. The calibration and configuration
are done by OTP cells, that can be programmed
through a serial interface. The configured bits are
used for testing, configuration and calibration
purposes. From two
∑ Δ output signals coming
from the analog section, a DSP unit computes the
amount of consumed active energy. The active
energy is available as a pulse frequency output
and directly driven by a stepper counter. In the
STPM1x an output signal with pulse frequency
proportional to energy is generated. This signal is
used in the calibration phase of the energy meter
application allowing a very easy approach. When
the device is fully configured and calibrated, a
dedicated bit of OTP block can be written
permanently in order to prevent accidental entry
into test mode or changing any configuration bit.
TSSOP20
Table 1.
Device summary
Order codes
Package
Packaging
STPM11ATR
TSSOP20 (tape and reel)
2500 parts per reel
STPM12ATR
TSSOP20 (tape and reel)
2500 parts per reel
STPM13ATR
TSSOP20 (tape and reel)
2500 parts per reel
STPM14ATR
TSSOP20 (tape and reel)
2500 parts per reel
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STPM13

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPM13 STMICROELECTRONICS-STPM13 Datasheet
918Kb / 43P
Single phase energy metering IC with pulsed output and digital calibration
20-Mar-2007
STPM13 STMICROELECTRONICS-STPM13 Datasheet
1Mb / 45P
Single phase energy metering IC with pulsed output and digital calibration
21-Jan-2008
STPM13ATR STMICROELECTRONICS-STPM13ATR Datasheet
918Kb / 43P
Single phase energy metering IC with pulsed output and digital calibration
20-Mar-2007
STPM13ATR STMICROELECTRONICS-STPM13ATR Datasheet
1Mb / 45P
Single phase energy metering IC with pulsed output and digital calibration
21-Jan-2008
More results

Similar Description - STPM13

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7752 AD-ADE7752 Datasheet
474Kb / 10P
Three Phase Energy Metering IC with Pulse Output
ADE7763 AD-ADE7763 Datasheet
1Mb / 56P
Single-Phase Active and Apparent Energy Metering IC
10/04-Data Sheet Changed from Rev. 0 to Rev. A
logo
ams AG
AS8118 AMSCO-AS8118 Datasheet
36Kb / 1P
Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
AS8168 AMSCO-AS8168 Datasheet
250Kb / 30P
Single Phase Average Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
logo
Analog Devices
ADE7752B AD-ADE7752B Datasheet
326Kb / 27P
Polyphase Energy Metering IC with Pulsed Output
logo
STMicroelectronics
STPM11 STMICROELECTRONICS-STPM11 Datasheet
918Kb / 43P
Single phase energy metering IC with pulsed output and digital calibration
20-Mar-2007
STPM11 STMICROELECTRONICS-STPM11_08 Datasheet
1Mb / 45P
Single phase energy metering IC with pulsed output and digital calibration
21-Jan-2008
logo
ams AG
AS8118 AMSCO-AS8118_1 Datasheet
287Kb / 30P
Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
logo
Analog Devices
ADE7763 AD-ADE7763_13 Datasheet
828Kb / 56P
Single-Phase Active and Apparent Energy Metering IC
REV. C
ADE7763 AD-ADE7763_15 Datasheet
828Kb / 56P
Single-Phase Active and Apparent Energy Metering IC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com