Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2005R Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA2005R
Description  20 W bridge/stereo amplifier for car radio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2005R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA2005R Datasheet HTML 2Page - STMicroelectronics TDA2005R Datasheet HTML 3Page - STMicroelectronics TDA2005R Datasheet HTML 4Page - STMicroelectronics TDA2005R Datasheet HTML 5Page - STMicroelectronics TDA2005R Datasheet HTML 6Page - STMicroelectronics TDA2005R Datasheet HTML 7Page - STMicroelectronics TDA2005R Datasheet HTML 8Page - STMicroelectronics TDA2005R Datasheet HTML 9Page - STMicroelectronics TDA2005R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Electrical specifications
TDA2005
6/25
Doc ID 1451 Rev 6
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
2.3
Bridge amplifier section
Figure 3.
Test and application circuit (bridge amplifier)
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Peak supply voltage (50 ms)
40
V
DC supply voltage
28
Operating supply voltage
18
Io(1)
1.
The max. output current is internally limited.
Output peak current (non repetitive t = 0.1 ms)
4.5
A
Output peak current (repetitive f
10 Hz)
3.5
Ptot
Power dissipation at Tcase = 60 °C
20
W
Tstg, Tj
Storage and junction temperature
-40 to 150
C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rth-j-case
Thermal resistance junction-to-case
max
3
C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com