Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2005R Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA2005R
Description  20 W bridge/stereo amplifier for car radio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2005R Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA2005R Datasheet HTML 7Page - STMicroelectronics TDA2005R Datasheet HTML 8Page - STMicroelectronics TDA2005R Datasheet HTML 9Page - STMicroelectronics TDA2005R Datasheet HTML 10Page - STMicroelectronics TDA2005R Datasheet HTML 11Page - STMicroelectronics TDA2005R Datasheet HTML 12Page - STMicroelectronics TDA2005R Datasheet HTML 13Page - STMicroelectronics TDA2005R Datasheet HTML 14Page - STMicroelectronics TDA2005R Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TDA2005
Electrical specifications
Doc ID 1451 Rev 6
11/25
2.4.1
Electrical characteristics (stereo application)
Refer to the stereo application circuit Tamb = 25 °C; Gv = 50 dB; Rth(heatsink) = 4°C/W unless
otherwise specified
Table 7.
Electrical characteristics (stereo application)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Supply voltage
8
18
V
Vo
Quiescent offset voltage
VS = 14.4 V
VS = 13.2 V
6.6
6
7.2
6.6
7.8
7.2
V
V
Id
Total quiescent drain current
VS = 14.4 V
VS = 13.2 V
-
65
62
120
120
mA
mA
Po
Output power (each channel)
f = 1 kHz; THD = 10 %
VS = 14.4 V; RL = 4 
VS = 14.4 V; RL = 3.2 
VS = 14.4 V; RL = 2 
VS = 14.4 V; RL = 1.6 
6
7
9
10
6.5
8
10
11
-W
f = 1 kHz; THD = 10 %
VS = 13.2 V; RL =3.2 
VS = 13.2 V; RL = 1.6 
VS = 16 V; RL = 2 
6
9
6.5
10
12
-W
THD
Total harmonic distortion
f = 1 kHz; VS = 14.4 V;
RL = 4 ;Po = 50 mW to 4 W;
-
0.2
1%
f = 1 kHz; VS = 14.4 V;
RL = 2 ;Po = 50 mW to 6 W;
-
0.3
1%
f = 1 kHz; VS = 13.2 V;
RL = 3.2 ;Po = 50 mW to 3W;
-
0.2
1%
f = 1KHz; VS = 13.2V;
RL = 1.6;Po = 40mW to 6W;
-
0.3
1%
CT
Cross talk
VS = 14.4 V; Vo = 4 VRMS;
Rg = 5 k; RL = 4 ;
f = 1 kHz
f = 10 kHz
-
60
45
-
mW
mW
Vi
Input saturation voltage
-
300
-
mW
Vi
Input sensitivity
f = 1 kHz; Po = 1W;
RL = 4 ;
RL = 3.2;
-6
5.5
-mV
mV
Ri
Input resistance
f = 1 kHz
70
200
-
k
fL
Low frequency roll off (-3 dB)
RL = 2 
--
50
Hz
fH
High frequency roll off (-3 dB)
RL = 2 
15
-
-
kHz
Gv
Open loop voltage gain
f = 1 kHz
-
90
-
dB
Closed loop voltage gain
f = 1 kHz
48
50
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com