Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2005R Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA2005R
Description  20 W bridge/stereo amplifier for car radio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2005R Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA2005R Datasheet HTML 17Page - STMicroelectronics TDA2005R Datasheet HTML 18Page - STMicroelectronics TDA2005R Datasheet HTML 19Page - STMicroelectronics TDA2005R Datasheet HTML 20Page - STMicroelectronics TDA2005R Datasheet HTML 21Page - STMicroelectronics TDA2005R Datasheet HTML 22Page - STMicroelectronics TDA2005R Datasheet HTML 23Page - STMicroelectronics TDA2005R Datasheet HTML 24Page - STMicroelectronics TDA2005R Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
TDA2005
Application information
Doc ID 1451 Rev 6
21/25
Figure 35.
Suggested LC network circuit
Figure 36.
Voltage gain bridge configuration
4.1.2
Short circuit (AC and DC conditions)
The TDA2005 can withstand a permanent short-circuit on the output for a supply voltage up
to 16 V.
4.1.3
Polarity inversion
High current (up to 10 A) can be handled by the device with no damage for a longer period
than the blow-out time of a quick 2 A fuse (normally connected in series with the supply).
This feature is added to avoid destruction, if during fitting to the car, a mistake on the
connection of the supply is made.
4.1.4
Open ground
When the ratio is in the ON condition and the ground is accidentally opened, a standard
audio amplifier will be damaged. On the TDA2005 protection diodes are included to avoid
any damage.
4.1.5
Inductive load
A protection diode is provided to allow use of the TDA2005 with inductive loads.
4.1.6
DC voltage
The maximum operating DC voltage for the TDA2005 is 18 V. However the device can
withstand a DC voltage up to 28 V with no damage. This could occur during winter if two
batteries are series connected to crank the engine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com