Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2005R Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA2005R
Description  20 W bridge/stereo amplifier for car radio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2005R Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA2005R Datasheet HTML 6Page - STMicroelectronics TDA2005R Datasheet HTML 7Page - STMicroelectronics TDA2005R Datasheet HTML 8Page - STMicroelectronics TDA2005R Datasheet HTML 9Page - STMicroelectronics TDA2005R Datasheet HTML 10Page - STMicroelectronics TDA2005R Datasheet HTML 11Page - STMicroelectronics TDA2005R Datasheet HTML 12Page - STMicroelectronics TDA2005R Datasheet HTML 13Page - STMicroelectronics TDA2005R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Electrical specifications
TDA2005
10/25
Doc ID 1451 Rev 6
For sufficiently high gains (40 to 50 dB) it is possible to put R2 = R4 and R3 = 2R1,
simplifying the formula in:
Figure 8.
Bridge configuration
2.4
Stereo amplifier application
Figure 9.
Typical stereo application circuit
Table 6.
High gain vs. Rx
Gv (dB)
R1 ()R2 = R4 ()R3 ()
40
1000
39
2000
50
1000
12
2000
G
v
4
R
1
R
2
-------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com