Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2005R Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA2005R
Description  20 W bridge/stereo amplifier for car radio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2005R Datasheet(HTML) 4 Page - STMicroelectronics

  TDA2005R Datasheet HTML 1Page - STMicroelectronics TDA2005R Datasheet HTML 2Page - STMicroelectronics TDA2005R Datasheet HTML 3Page - STMicroelectronics TDA2005R Datasheet HTML 4Page - STMicroelectronics TDA2005R Datasheet HTML 5Page - STMicroelectronics TDA2005R Datasheet HTML 6Page - STMicroelectronics TDA2005R Datasheet HTML 7Page - STMicroelectronics TDA2005R Datasheet HTML 8Page - STMicroelectronics TDA2005R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
List of figures
TDA2005
4/25
Doc ID 1451 Rev 6
List of figures
Figure 1.
Schematic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
Pins connection diagram (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
Test and application circuit (bridge amplifier) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
PC board and components layout of Figure 3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 5.
Output offset voltage vs. supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 6.
Distortion vs. output power (RL =4 ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 7.
Distortion vs. output power (RL =3.2 ). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 8.
Bridge configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 9.
Typical stereo application circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 10.
Quiescent output voltage vs. supply voltage (stereo amplifier). . . . . . . . . . . . . . . . . . . . . . 12
Figure 11.
Quiescent drain current vs. supply voltage (stereo amplifier) . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 12.
Distortion vs. output power (stereo amplifier) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 13.
Output power vs. supply voltage, RL = 2 and 4 (stereo amplifier). . . . . . . . . . . . . . . . . . 12
Figure 14.
Output power vs. supply voltage, RL = 1.6 and 3.2 (stereo amplifier). . . . . . . . . . . . . . . 13
Figure 15.
Distortion vs. frequency, RL = 2 and 4 (stereo amplifier) . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 16.
Distortion vs. frequency, RL = 1.6 and 3.2 (stereo amplifier) . . . . . . . . . . . . . . . . . . . . . 13
Figure 17.
Supply voltage rejection vs. C3 (stereo amplifier). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 18.
Supply voltage rejection vs. frequency (stereo amplifier) . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 19.
Supply voltage rejection vs. C2 and C3, GV = 390/1  (stereo amplifier) . . . . . . . . . . . . . 13
Figure 20.
Supply voltage rejection vs. C2 and C3, GV = 1000/10  (stereo amplifier) . . . . . . . . . . . 14
Figure 21.
Gain vs. input sensitivity RL = 4  (stereo amplifier) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 22.
Gain vs. input sensitivity RL = 2  (stereo amplifier) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 23.
Total power dissipation and efficiency vs. output power (bridge) . . . . . . . . . . . . . . . . . . . . 14
Figure 24.
Total power dissipation and efficiency vs. output power (stereo) . . . . . . . . . . . . . . . . . . . . 14
Figure 25.
Bridge amplifier without boostrap . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 26.
PC board and components layout of Figure 25 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 27.
Low cost bridge amplifier (GV = 42 dB) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 28.
PC board and components layout of Figure 27 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 29.
10 + 10 W stereo amplifier with tone balance and loudness control. . . . . . . . . . . . . . . . . . 18
Figure 30.
Tone control response (circuit of Figure 29) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 31.
20 W bus amplifier . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 32.
Simple 20 W two way amplifier (FC = 2 kHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 33.
Bridge amplifier circuit suited for low-gain applications (GV = 34 dB) . . . . . . . . . . . . . . . . 20
Figure 34.
Example of muting circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 35.
Suggested LC network circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 36.
Voltage gain bridge configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 37.
Maximum allowable power dissipation vs. ambient temperature . . . . . . . . . . . . . . . . . . . . 22
Figure 38.
Output power and drain current vs. case temperature (RL = 4 ) . . . . . . . . . . . . . . . . . . . 22
Figure 39.
Output power and drain current vs. case temperature (RL = 3.2 ) . . . . . . . . . . . . . . . . . . 22
Figure 40.
Multiwatt11 mechanical data and package dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com