Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2005R Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA2005R
Description  20 W bridge/stereo amplifier for car radio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2005R Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA2005R Datasheet HTML 8Page - STMicroelectronics TDA2005R Datasheet HTML 9Page - STMicroelectronics TDA2005R Datasheet HTML 10Page - STMicroelectronics TDA2005R Datasheet HTML 11Page - STMicroelectronics TDA2005R Datasheet HTML 12Page - STMicroelectronics TDA2005R Datasheet HTML 13Page - STMicroelectronics TDA2005R Datasheet HTML 14Page - STMicroelectronics TDA2005R Datasheet HTML 15Page - STMicroelectronics TDA2005R Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Electrical specifications
TDA2005
12/25
Doc ID 1451 Rev 6
Gv
Closed loop gain matching
-
-
0.5
-
dB
eN
Total input noise voltage
Rg = 10 k
(1)
-1.5
5
V
SVR
Supply voltage rejection
Vripple = 0.5 V; fripple =100 Hz
Rg = 10 k; C3 = 10 F;
35
45
-
dB
Efficiency
f = 1 kHz; VS = 14.4 V;
RL = 4 ;Po = 6.5 W;
RL = 2;Po = 10 W;
-70
60
-%
f = 1 kHz; VS = 13.2 V;
RL = 3.2 ;Po = 6.5 W;
RL = 1.6 ;Po = 100 W;
-70
60
-%
1.
Bandwidth filter: 22 Hz to 22 kHz.
Figure 10.
Quiescent output voltage vs.
supply voltage (stereo amplifier)
Figure 11. Quiescent drain current vs. supply
voltage (stereo amplifier)
Figure 12.
Distortion vs. output power (stereo
amplifier)
Figure 13.
Output power vs. supply voltage,
RL = 2 and 4 (stereo amplifier)
Table 7.
Electrical characteristics (stereo application) (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com