Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2005R Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA2005R
Description  20 W bridge/stereo amplifier for car radio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2005R Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA2005R Datasheet HTML 4Page - STMicroelectronics TDA2005R Datasheet HTML 5Page - STMicroelectronics TDA2005R Datasheet HTML 6Page - STMicroelectronics TDA2005R Datasheet HTML 7Page - STMicroelectronics TDA2005R Datasheet HTML 8Page - STMicroelectronics TDA2005R Datasheet HTML 9Page - STMicroelectronics TDA2005R Datasheet HTML 10Page - STMicroelectronics TDA2005R Datasheet HTML 11Page - STMicroelectronics TDA2005R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Electrical specifications
TDA2005
8/25
Doc ID 1451 Rev 6
Efficiency
f = 1 kHz; VS = 14.4 V;
RL = 4 ;Po = 20 W;
RL = 3.2 ;Po = 22 W
-60
60
-
%
f = 1 kHz; VS = 13.2 V;
RL = 3.2 ;Po = 19 W
-58
-
SVR
Supply voltage rejection
f = 100 Hz; Vripple = 0.5 V;
Rg = 10 k; RL = 4 
30
36
-
dB
Tj
Thermal shut-down junction
temperature
f = 1 kHz; VS = 14.4V;
RL = 4 ;Ptot = 13 W
-
145
-
°C
VOSH
Output voltage with one side of
the speaker shorted to ground
VS = 14.4 V; RL = 4 
VS = 13.2 V; RL = 3.2 
--
2
V
1.
Bandwidth filter: 22 Hz to 22 kHz.
Figure 5.
Output offset voltage vs. supply
voltage
Figure 6.
Distortion vs. output power
(RL =4 )
Figure 7.
Distortion vs. output power
(RL =3.2 )
Table 4.
Electrical characteristics (bridge application) (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com