Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ONET1130EC Datasheet(PDF) 2 Page - Texas Instruments

Part # ONET1130EC
Description  ONET1130EC 11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ONET1130EC Datasheet(HTML) 2 Page - Texas Instruments

  ONET1130EC Datasheet HTML 1Page - Texas Instruments ONET1130EC Datasheet HTML 2Page - Texas Instruments ONET1130EC Datasheet HTML 3Page - Texas Instruments ONET1130EC Datasheet HTML 4Page - Texas Instruments ONET1130EC Datasheet HTML 5Page - Texas Instruments ONET1130EC Datasheet HTML 6Page - Texas Instruments ONET1130EC Datasheet HTML 7Page - Texas Instruments ONET1130EC Datasheet HTML 8Page - Texas Instruments ONET1130EC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
ONET1130EC
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ....................................... 20
1
Features .................................................................. 1
8.3
Feature Description................................................. 21
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 31
3
Description ............................................................. 1
8.5
Programming .......................................................... 31
4
Revision History..................................................... 2
8.6
Register Mapping .................................................... 32
5
Description (continued)......................................... 3
9
Application Information and Implementations . 49
6
Pin Configuration and Function ........................... 3
9.1
Application Information............................................ 49
7
Specifications......................................................... 5
9.2
Typical Application, Transmitter Differential Mode.. 49
7.1
Absolute Maximum Ratings ..................................... 5
10
Power Supply Recommendations ..................... 53
7.2
ESD Ratings ............................................................ 5
11
Layout................................................................... 54
7.3
Recommended Operating Conditions ....................... 5
11.1
Layout Guidelines ................................................. 54
7.4
Thermal Information .................................................. 6
11.2
Layout Example .................................................... 54
7.5
DC Electrical Characteristics .................................... 6
12
Device and Documentation Support ................. 55
7.6
Transmitter AC Electrical Characteristics ................. 8
12.1
Community Resources.......................................... 55
7.7
Receiver AC Electrical Characteristics ..................... 9
12.2
Trademarks ........................................................... 55
7.8
Timing Requirements .............................................. 10
12.3
Electrostatic Discharge Caution ............................ 55
7.9
Typical Characteristics ............................................ 13
12.4
Glossary ................................................................ 55
8
Detailed Description ............................................ 19
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................. 19
Information ........................................................... 55
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (June 2015) to Revision A
Page
•
Changed From: Product Preview To Production ................................................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com