Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ONET1130EC Datasheet(PDF) 9 Page - Texas Instruments

Part # ONET1130EC
Description  ONET1130EC 11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ONET1130EC Datasheet(HTML) 9 Page - Texas Instruments

Back Button ONET1130EC Datasheet HTML 5Page - Texas Instruments ONET1130EC Datasheet HTML 6Page - Texas Instruments ONET1130EC Datasheet HTML 7Page - Texas Instruments ONET1130EC Datasheet HTML 8Page - Texas Instruments ONET1130EC Datasheet HTML 9Page - Texas Instruments ONET1130EC Datasheet HTML 10Page - Texas Instruments ONET1130EC Datasheet HTML 11Page - Texas Instruments ONET1130EC Datasheet HTML 12Page - Texas Instruments ONET1130EC Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
ONET1130EC
www.ti.com
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
7.7 Receiver AC Electrical Characteristics
Over recommended operating conditions, outputs connected to a 50-
Ω load, VOD = 600 mVpp differential unless otherwise
noted. Typical operating condition is at VCC = 2.5 V and TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RX INPUT SPECIFICATIONS
CDR lock range
CPRI, Ethernet, SONET, Fibre Channel
9.8
11.7
Gbps
0.01 GHz < f
≤ 5 GHz
15
Differential input return loss
dB
5 GHz < f < 12 GHz
8
Differential to common mode
0.1 GHz < f < 12 GHz
15
dB
conversion
TXOUT_DIS = 1, PRBS31 pattern at 11.7Gbps,
VI(RX,MIN)
Data input sensitivity
6
9
mVPP
BER < 10-12
VI(RX,MAX)
Data input overload
800
mVPP
1.5
9.95 Gbps, BER = 10-12, f = 400kHz
J(T_RX)
Sinusoidal jitter tolerance
0.4
UIPP
9.95 Gbps, BER = 10-12, f = 4MHz
0.4
9.95 Gbps, BER = 10-12, f = 80MHz
RX OUTPUT SPECIFICATIONS
0.05 GHz < f
≤ 0.1 GHz
20
Differential output return loss
0.1 GHz < f < 5.5 GHz
8
15
dB
5.5 GHz < f < 12 GHz
8
Common mode input return loss
0.1 GHz < f < 12 GHz
3
dB
CMOV(RX)
Output AC common mode voltage
PRBS31 pattern, RXAMP[0..3] = 0001
7
mVrms
f3dB-L
Low frequency –3dB bandwidth
20
50
kHz
D(J_RX)
Deterministic output jitter
0.1
UIPP
T(J_RX)
Total output jitter
0.2
UIPP
VIN > 25 mVPP, RX_DIS = 0, RXAMP[0..3] = 0000
300
mVPP
VOD
Differential data output voltage
VIN > 25 mVPP, RX_DIS = 0, RXAMP[0..3] = 1111
900
mVPP
RX_DIS = 1
5
mVrms
Output De-emphasis
RXDADJ[0..1] = 11
1
dB
RX LOS SPECIFICATIONS
LOW LOS assert threshold range
PRBS7 pattern at 11.3Gbps, RXLOSRNG = 1
10
min
VTH
mVPP
LOW LOS assert threshold range
PRBS7 pattern at 11.3Gbps, RXLOSRNG = 1
50
max
HIGH LOS assert threshold range
PRBS7 pattern at 11.3Gbps, RXLOSRNG = 0
40
min
VTH
mVPP
HIGH LOS assert threshold range
PRBS7 pattern at 11.3Gbps, RXLOSRNG = 0
130
max
LOS hysteresis (electrical)
2
4
6
dB
Versus temperature
1.5
LOS threshold variation
Versus supply voltage
1
dB
Versus data rate
1.5
RX CDR SPECIFICATIONS
BW(RX)
Jitter Transfer Bandwidth
9.95 Gbps, PRBS31
8
MHz
J(P_TX)
Jitter Peaking
> 50 kHz
1
dB
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com