Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ONET1130EC Datasheet(PDF) 23 Page - Texas Instruments

Part # ONET1130EC
Description  ONET1130EC 11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ONET1130EC Datasheet(HTML) 23 Page - Texas Instruments

Back Button ONET1130EC Datasheet HTML 19Page - Texas Instruments ONET1130EC Datasheet HTML 20Page - Texas Instruments ONET1130EC Datasheet HTML 21Page - Texas Instruments ONET1130EC Datasheet HTML 22Page - Texas Instruments ONET1130EC Datasheet HTML 23Page - Texas Instruments ONET1130EC Datasheet HTML 24Page - Texas Instruments ONET1130EC Datasheet HTML 25Page - Texas Instruments ONET1130EC Datasheet HTML 26Page - Texas Instruments ONET1130EC Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
ONET1130EC
www.ti.com
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
Feature Description (continued)
8.3.1.5 DC Offset Cancellation and Cross Point Control
The ONET1130EC transmitter has DC offset cancellation to compensate for internal offset voltages. The offset
cancellation can be disabled by setting TXOC_DIS = 1 (bit 2 of register 10).
The crossing point can be moved toward the one level by setting TXCPSGN = 1 (bit 7 of register 14) and it can
be moved toward the zero level by setting TXCPSGN = 0. The percentage of shift depends upon the register
settings of the transmitter cross-point adjustment bits TXCPADJ[0..6] (register 14).
8.3.1.6 Transmitter Loopback (Electrical Loopback)
The signal input to the TXIN+ and TXIN– pins can be looped back to the receiver output after the retimer as
shown in Figure 38 by setting TX_LBMUX = 1 (bit 0 of register 2). Loopback from the receiver input to the
transmitter output (optical loopback) can be enabled at the same time.
If it is desired to loopback the signal input to the TXIN+ and TXIN– pins to the receiver output with the CDR
disabled then the transmit CDR must be disabled and bypassed by setting TXCDR_DIS = 1 (bit 4 of register 10)
and the receiver CDR must also be disabled and bypassed by setting RXCDR_DIS =1 (bit 4 of register 4).
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com