Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ONET1130EC Datasheet(PDF) 8 Page - Texas Instruments

Part # ONET1130EC
Description  ONET1130EC 11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ONET1130EC Datasheet(HTML) 8 Page - Texas Instruments

Back Button ONET1130EC Datasheet HTML 4Page - Texas Instruments ONET1130EC Datasheet HTML 5Page - Texas Instruments ONET1130EC Datasheet HTML 6Page - Texas Instruments ONET1130EC Datasheet HTML 7Page - Texas Instruments ONET1130EC Datasheet HTML 8Page - Texas Instruments ONET1130EC Datasheet HTML 9Page - Texas Instruments ONET1130EC Datasheet HTML 10Page - Texas Instruments ONET1130EC Datasheet HTML 11Page - Texas Instruments ONET1130EC Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
ONET1130EC
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
www.ti.com
7.6 Transmitter AC Electrical Characteristics
Over recommended operating conditions, open loop operation, VOUT = 2 VPP single-ended, I(BIAS) = 80 mA unless otherwise
noted. Typical operating condition is at VCC = 2.5 V and TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TX INPUT SPECIFICATIONS
CDR lock range
CPRI, Ethernet, SONET, Fibre Channel
9.80
11.7
Gbps
0.05 GHz < f
≤ 0.1 GHz
20
Differential input return loss
0.1 GHz < f
≤ 5.5 GHz
12
15
dB
5.5 GHz < f < 12 GHz
8
Differential to common mode conversion
0.1 GHz < f < 12 GHz
10
15
dB
Common mode input return loss
0.1 GHz < f < 12 GHz
3
dB
Input AC common mode voltage tolerance
15
mV
Total Non-DDJ
Total jitter less ISI
0.45
UIPP
T(J_TX)
Total Jitter
0.65
UIPP
S(J_TX)
Sinusoidal Jitter Tolerance
With addition of input jitter, See Figure 1
UIPP
VIN
Differential input voltage swing
100
1000
mVPP
EQ(boost)
EQ high freq boost
Maximum setting; 7 GHz
6
9
dB
TX OUTPUT SPECIFICATIONS
Differential output return loss
0.01 GHz < f < 12 GHz
12
dB
VO(MIN)
Minimum output amplitude
AC Coupled Outputs, 50-
Ω single-ended load
0.5
VPP
TX OUTPUT SPECIFICATIONS in SINGLE-ENDED MODE of OPERATION (TXMODE = 1)
VO(MAX)
Maximum output amplitude
AC Coupled Outputs, 50-
Ω load, single-ended
2
VPP
Output amplitude stability
AC Coupled Outputs, 50-
Ω load, single-ended
230
mVPP
High Cross Point Control Range
50-
Ω load, single-ended
70%
75%
Low Cross Point Control Range
50-
Ω load, single-ended
35%
40%
Cross Point Stability
50-
Ω load, single-ended
-5
5
pp
TXDEADJ[0..3] = 1111, TXPKSEL = 0
5
Output de-emphasis
dB
TXDEADJ[0..3] = 1111, TXPKSEL = 1
6
TX OUTPUT SPECIFICATIONS in DIFFERENTIAL MODE of OPERATION (TXMODE = 0)
VO(MAX)
Maximum output amplitude
AC Coupled Outputs, 100-
Ω differential load
3.6
VPP
Output amplitude stability
AC Coupled Outputs, 100-
Ω differential load
230
mVPP
High Cross Point Control Range
100-
Ω differential load
65%
75%
Low Cross Point Control Range
100-
Ω differential load
35%
40%
Cross Point Stability
100-
Ω differential load
–5
5
pp
TXDEADJ[0..3] = 1111, TXPKSEL = 0
5
Output de-emphasis
dB
TXDEADJ[0..3] = 1111, TXPKSEL = 1
6
TX CDR SPECIFICATIONS
BW(TX)
Jitter Transfer Bandwidth
9.95 Gbps, PRBS31
8
MHz
J(P_TX)
Jitter Peaking
> 120 kHz
1
dB
JGEN(rms)
Random RMS jitter generation
Clock pattern, 50 kHz to 80 MHz
6
mUIrms
JGEN(PP)
Total jitter generation
60
mUIPP
Clock pattern, 50 kHz to 80 MHz, BER = 10-12
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com