Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ONET1130EC Datasheet(PDF) 39 Page - Texas Instruments

Part # ONET1130EC
Description  ONET1130EC 11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ONET1130EC Datasheet(HTML) 39 Page - Texas Instruments

Back Button ONET1130EC Datasheet HTML 35Page - Texas Instruments ONET1130EC Datasheet HTML 36Page - Texas Instruments ONET1130EC Datasheet HTML 37Page - Texas Instruments ONET1130EC Datasheet HTML 38Page - Texas Instruments ONET1130EC Datasheet HTML 39Page - Texas Instruments ONET1130EC Datasheet HTML 40Page - Texas Instruments ONET1130EC Datasheet HTML 41Page - Texas Instruments ONET1130EC Datasheet HTML 42Page - Texas Instruments ONET1130EC Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
ONET1130EC
www.ti.com
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
8.6.3.2 TX Register 11 (offset = 0000 0000) [reset = 0h]
Figure 52. TX Register 11
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 14. TX Register 11 Field Descriptions
Bit
Field
Type
Reset
Description
TX output AMP range
7
TXAMPRNG
R/W
0h
1 = Half TX output amplitude range
0 = Full TX output amplitude range
TX output peaking width
6
TXPKSEL
R/W
0h
1 = wide peaking width
0 = narrow peaking width
5
TXTCSEL1
R/W
0h
TXOUT temperature compensation select bit 1
4
TXTCSEL0
R/W
0h
TXOUT temperature compensation select bit 0
3
TXCTLE3
R/W
0h
TX input CTLE setting
0000 = minimum
2
TXCTLE2
R/W
0h
1111 = maximum
1
TXCTLE1
R/W
0h
0
TXCTLE0
R/W
0h
8.6.3.3 TX Register 12 (offset = 0000 0000) [reset = 0h]
Figure 53. TX Register 12
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 15. TX Register 12 Field Descriptions
Bit
Field
Type
Reset
Description
7
TXMOD7
R/W
0h
6
TXMOD6
R/W
0h
5
TXMOD5
R/W
0h
4
TXMOD4
R/W
0h
TX Modulation current setting: sets the output voltage
Output Voltage: 2.4 Vpp / 9.5 mVpp steps
3
TXMOD3
R/W
0h
2
TXMOD2
R/W
0h
1
TXMOD1
R/W
0h
0
TXMOD0
R/W
0h
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com