Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ONET1130EC Datasheet(PDF) 3 Page - Texas Instruments

Part # ONET1130EC
Description  ONET1130EC 11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ONET1130EC Datasheet(HTML) 3 Page - Texas Instruments

  ONET1130EC Datasheet HTML 1Page - Texas Instruments ONET1130EC Datasheet HTML 2Page - Texas Instruments ONET1130EC Datasheet HTML 3Page - Texas Instruments ONET1130EC Datasheet HTML 4Page - Texas Instruments ONET1130EC Datasheet HTML 5Page - Texas Instruments ONET1130EC Datasheet HTML 6Page - Texas Instruments ONET1130EC Datasheet HTML 7Page - Texas Instruments ONET1130EC Datasheet HTML 8Page - Texas Instruments ONET1130EC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
1
3
2
4
9
11
10
12
21
22
23
24
29
30
31
32
25
26
27
28
5
7
6
8
17
18
19
20
13
15
14
16
MONB
LOL
TXIN±
TXIN+
GND
PD
MONP
GND
RXIN±
RXIN+
RX_LOS
GND
GND
SDA
SCK
COMP
EP
ONET1130EC
www.ti.com
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
5 Description (continued)
The ONET1130EC contains internal analog to digital and digital to analog converters to support transceiver
management and eliminate the need for special purpose microcontrollers.
The transceiver is characterized for operation from –40°C to 100°C case temperatures and is available in a small
footprint 4mm × 4mm, 32 pin RoHS compliant VQFN package.
6 Pin Configuration and Function
RSM PACKAGE
32 PIN VQFN
(TOP VIEW)
Pin Functions
NUMBER
NAME
Type
DESCRIPTION
Output amplitude control. Output amplitude can be adjusted by applying a voltage of
AMP
16
Analog-in
0 to 2 V to this pin. Leave open when not used.
BIAS
10
Analog
Sinks or sources the bias current for the laser in both APC and open loop modes.
Compensation pin used to control the bandwidth of the APC loop. Connect a 0.01-µF
COMP
23
Analog
capacitor to ground.
GND
3, 6, 19, 22
Supply
Circuit ground.
Transmitter and receiver loss of lock indicator. High level indicates the transmitter or
LOL
1
Digital-out
the receiver is out of lock. Open drain output. Requires an external 4.7 k
Ω to 10 kΩ
pull-up resistor to VCC for proper operation. This pin is 3.3 V tolerant.
MONB
2
Analog-out
Bias current monitor.
MONP
8
Analog-out
Photodiode current monitor.
PD
7
Analog
Photodiode input. Pin can source or sink current dependent on register setting.
Disables the receiver output buffer when set to a high level. Includes a 250-k
Ω pull-
RX_DIS
26
Digital-in
up resistor to VCC. Ground the pin to enable the output. This is an ORed function
with the RXOUT_DIS bit (bit 6 in register 4). This pin is 3.3-V tolerant.
RX_LF
25
Analog-in
Receiver loop filter capacitor.
Receiver loss of signal. High level indicates that the receiver input signal amplitude is
RX_LOS
24
Digital-out
below the programmed threshold level. Open drain output. Requires an external 4.7-
k
Ω to 10-kΩ pull-up resistor to VCC for proper operation. This pin is 3.3-V tolerant.
Non-inverted receiver data input. On-chip differentially 100
Ω terminated to RXIN–.
RXIN+
20
Analog-in
Must be AC coupled.
Inverted receiver data input. On-chip differentially 100
Ω terminated to RXIN+. Must
RXIN-
21
Analog-in
be AC coupled.
RXOUT–
28
CML-out
Inverted receiver data output. 45
Ω back-terminated to VCC.
RXOUT+
29
CML-out
Non-inverted data output. 45
Ω back-terminated to VCC.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com