Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ONET1130EC Datasheet(PDF) 1 Page - Texas Instruments

Part # ONET1130EC
Description  ONET1130EC 11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ONET1130EC Datasheet(HTML) 1 Page - Texas Instruments

  ONET1130EC Datasheet HTML 1Page - Texas Instruments ONET1130EC Datasheet HTML 2Page - Texas Instruments ONET1130EC Datasheet HTML 3Page - Texas Instruments ONET1130EC Datasheet HTML 4Page - Texas Instruments ONET1130EC Datasheet HTML 5Page - Texas Instruments ONET1130EC Datasheet HTML 6Page - Texas Instruments ONET1130EC Datasheet HTML 7Page - Texas Instruments ONET1130EC Datasheet HTML 8Page - Texas Instruments ONET1130EC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
TXIN+
TXIN-
GND
RXIN+
SDA
RX_LOS
RXIN-
GND
SCK
GND
LOL
GND
PD
ONET1130EC
TXIN+
TXIN-
0.1F
0.1F
LOL
TX_DIS
0.1F
Laser
VCC_TX
0.1F
0.1F
Modulator Anode
EA BIAS
50
PD
EML TOSA
0.1F
RXIN+
RXIN-
0.1F
SDA
SCK
0.1F
VCC_RX
RXOUT-
RXOUT+
0.1F
0.1F
MONP
0.1F
0.1F
PD
2.2nF
2.2nF
MONB
MONP
COMP
MONB
TX_FLT
VDD
LOS
0.01F
0.1F
PD
4.7k
to10k
VCC_R
4.7k
to10k
VCC_T
4.7k
to10k
VCC
4.7k
to10k
VCC
4.7k
to10k
4.7k
to10k
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ONET1130EC
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
ONET1130EC 11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
The transmit path consists of an adjustable input
1 Features
equalizer
for
equalization
of
up
to
300
mm
1
•
Dual CDR with 9.80-11.7 Gbps Reference-Free
(12 inches) of microstrip or stripline transmission line
Operation
of FR4 printed circuit boards, a multi-rate CDR and
•
2-Wire Digital Interface with Integrated DACs and
an output modulator driver. Output waveform control,
in the form of cross-point adjustment and de-
ADC for Control and Diagnostic Management
emphasis are available to improve the optical eye
•
Output Polarity Select for TX and RX
mask margin. Bias current for the laser is provided
•
Programmable Jitter Transfer Bandwidth
and an integrated automatic power control (APC) loop
•
Electrical and Optical Loopback.
to compensate for variations in average optical power
over voltage, temperature and time is included.
•
CDR Bypass Mode for Low Data Rate Operation
•
Integrated Modulator Driver with Output Amplitude
The receive path consists of a limiting amplifier with
programmable equalization and threshold adjustment,
up to 2 VPP Single-ended and Bias Current up to
a
multi-rate
CDR
and
output
de-emphasis
to
150 mA Source.
compensate
for
frequency
dependent
loss
of
•
Automatic Power Control (APC) Loop with
connectors, microstrips or striplines connected to the
Selectable Monitor PD Range
output of the device, The receiver output amplitude
•
Programmable TX Input Equalizer
and loss of signal assert level can be adjusted.
•
TX Cross-Point Adjust and De-Emphasis
Device Information
•
Includes Laser Safety Features
ORDER NUMBER
PACKAGE (PIN)
BODY SIZE
•
Integrated Limiting Amplifier with Programmable
ONET1130EC
VQFN (32)
4.00 mm x 4.00 mm
LOS Threshold
•
Adjustable RX Equalization and Input Threshold
Simplified Schematic
•
Programmable RX Output Voltage and De-
emphasis.
•
Power Supply Monitor and Temperature Sensor
•
Single 2.5-V Supply
•
–40°C to 100°C Operation
•
Surface Mount 4 mm x 4 mm 32-Pin QFN
Package with 0.4 mm Pitch
2 Applications
•
XFP and SFP+ 10 Gbps SONET OC-192 Optical
Transceivers
•
XFP and SFP+ 10 GBASE-ER/ZR Optical
Transceivers
3 Description
The ONET1130EC is a 2.5 V integrated modulator
driver and limiting amplifier with transmit and receive
clock and data recovery (CDR) designed to operate
between 9.80 Gbps and 11.7 Gbps without the need
for a reference clock. Optical and electrical loopback
are included. CDR bypass mode can be used for
operation at lower data rates and a two-wire serial
interface allows digital control of the features.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ONET1130EC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1130EC TI1-ONET1130EC Datasheet
2Mb / 60P
11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
ONET1130ECRSMR TI1-ONET1130ECRSMR Datasheet
2Mb / 60P
11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
ONET1130ECRSMT TI1-ONET1130ECRSMT Datasheet
2Mb / 60P
11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
More results

Similar Description - ONET1130EC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2849 AD-ADN2849 Datasheet
1Mb / 10P
10.7 Gbps Electro-Absorption Modulator Driver
logo
OKI electronic componet...
KGL4115F OKI-KGL4115F Datasheet
64Kb / 5P
10 Gbps EA Modulator Driver IC
KGL4115HW-R OKI-KGL4115HW-R Datasheet
139Kb / 7P
11.1 Gbps Modulator Driver IC
logo
Texas Instruments
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
11.3 Gbps Modulator Driver
logo
TriQuint Semiconductor
TGA4826-SM TRIQUINT-TGA4826-SM Datasheet
389Kb / 1P
10 Vpp 15 Gbps Optical Modulator Driver
logo
Texas Instruments
ONET1151M TI-ONET1151M Datasheet
1Mb / 27P
11.35-Gbps Differential Modulator Driver with Output Waveform Shaping
logo
Analog Devices
ADN2849 AD-ADN2849_15 Datasheet
1Mb / 17P
10.7 Gbps Electro-Absorption Modulator Driver
Rev. Pr. G August 2004
logo
Texas Instruments
ONET1130EC TI1-ONET1130EC Datasheet
2Mb / 60P
11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
ONET1130EP TI1-ONET1130EP Datasheet
2Mb / 55P
11.7 Gbps Transceiver with Modulator Driver
logo
Qorvo, Inc
TGA4826-SM QORVO-TGA4826-SM Datasheet
389Kb / 1P
10 Vpp 15 Gbps Optical Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com