Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX170 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPAX170
Description  OPAx170 36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX170 Datasheet(HTML) 2 Page - Texas Instruments

  OPAX170 Datasheet HTML 1Page - Texas Instruments OPAX170 Datasheet HTML 2Page - Texas Instruments OPAX170 Datasheet HTML 3Page - Texas Instruments OPAX170 Datasheet HTML 4Page - Texas Instruments OPAX170 Datasheet HTML 5Page - Texas Instruments OPAX170 Datasheet HTML 6Page - Texas Instruments OPAX170 Datasheet HTML 7Page - Texas Instruments OPAX170 Datasheet HTML 8Page - Texas Instruments OPAX170 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
2
OPA170, OPA2170, OPA4170
SBOS557E – AUGUST 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: OPA170 OPA2170 OPA4170
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 7
7.1
Absolute Maximum Ratings ...................................... 7
7.2
ESD Ratings.............................................................. 7
7.3
Recommended Operating Conditions ....................... 7
7.4
Thermal Information: OPA170 .................................. 8
7.5
Thermal Information: OPA2170 ................................ 8
7.6
Thermal Information: OPA4170 ................................ 8
7.7
Electrical Characteristics........................................... 9
7.8
Typical Characteristics ............................................ 11
8
Detailed Description ............................................ 18
8.1
Overview ................................................................. 18
8.2
Functional Block Diagram ...................................... 18
8.3
Feature Description................................................. 18
8.4
Device Functional Modes........................................ 22
9
Application and Implementation ........................ 23
9.1
Application Information............................................ 23
9.2
Typical Application .................................................. 23
10
Power Supply Recommendations ..................... 26
11
Layout................................................................... 26
11.1
Layout Guidelines ................................................. 26
11.2
Layout Example .................................................... 26
12
Device and Documentation Support ................. 28
12.1
Device Support...................................................... 28
12.2
Documentation Support ........................................ 29
12.3
Related Links ........................................................ 29
12.4
Receiving Notification of Documentation Updates 29
12.5
Community Resources.......................................... 29
12.6
Trademarks ........................................................... 30
12.7
Electrostatic Discharge Caution ............................ 30
12.8
Glossary ................................................................ 30
13
Mechanical, Packaging, and Orderable
Information ........................................................... 30
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (December 2017) to Revision E
Page
•
Changed minimum supply voltage from –20 V to 0 V in Absolute Maximum Ratings table .................................................. 7
•
Changed maximum supply voltage from 20 V to 40 V in Absolute Maximum Ratings table ................................................ 7
Changes from Revision C (March 2016) to Revision D
Page
•
Added WEBENCH links and sections and Receiving Notification of Documentation Updates.............................................. 1
•
Added 8-Pin DSG (WSON) package...................................................................................................................................... 1
•
Changed values in Equivalent Internal ESD Circuitry Relative to a Typical Circuit Application from: 250 Ω to: 2.5 Ω........ 20
Changes from Revision B (September 2012) to Revision C
Page
•
Added current package designators to Features list and final paragraph of Description section .......................................... 1
•
Added Pin Functions table, ESD Ratings table, Recommended Operating Conditions table, Detailed Description
section, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section ............................... 1
Changes from Revision A (September 2011) to Revision B
Page
•
Added "Value Line Series" to document title.......................................................................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com