Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX170 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPAX170
Description  OPAx170 36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX170 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPAX170 Datasheet HTML 9Page - Texas Instruments OPAX170 Datasheet HTML 10Page - Texas Instruments OPAX170 Datasheet HTML 11Page - Texas Instruments OPAX170 Datasheet HTML 12Page - Texas Instruments OPAX170 Datasheet HTML 13Page - Texas Instruments OPAX170 Datasheet HTML 14Page - Texas Instruments OPAX170 Datasheet HTML 15Page - Texas Instruments OPAX170 Datasheet HTML 16Page - Texas Instruments OPAX170 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
−3
−2
−1
0
1
2
3
−75
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
VS = 2.7V to 36V
VS = 4V to 36V
G012
30
25
20
15
10
5
0
-
75
-
50
-
25
0
25
150
Temperature( C)
°
50
125
100
75
V = 1.35V
±
S
V = 2V
S
±
V = 18V
S
±
18
0
1
2
3
4
10
OutputCurrent(mA)
5
6
7
17
16
15
14.5
-14.5
-15
-16
-17
-18
8
9
-
°
40 C
+25 C
°
+125 C
°
140
120
100
80
60
40
20
0
1
10
100
1k
10k
1M
Frequency (Hz)
100k
+PSRR
-PSRR
CMRR
-20
20
V
(V)
CM
12
10
8
6
4
2
0
-15
-10
-5
0
5
10
15
I
OS
+I
B
-IB
V
= 18.1V
-
CM
V
= 16.1V
CM
I
B+
I
B-
I
OS
2000
1500
1000
500
0
500
1000
-
-
-75
-50
-25
0
25
150
Temperature( C)
°
50
125
100
75
13
OPA170, OPA2170, OPA4170
www.ti.com
SBOS557E – AUGUST 2011 – REVISED APRIL 2018
Product Folder Links: OPA170 OPA2170 OPA4170
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Figure 7. IB and IOS vs Common-Mode Voltage
Figure 8. Input Bias Current vs Temperature
Figure 9. Output Voltage Swing vs Output Current
(Maximum Supply)
Figure 10. CMRR and PSRR vs Frequency
(Referred-to Input)
Figure 11. CMRR vs Temperature
Figure 12. PSRR vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com