Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX170 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPAX170
Description  OPAx170 36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX170 Datasheet(HTML) 1 Page - Texas Instruments

  OPAX170 Datasheet HTML 1Page - Texas Instruments OPAX170 Datasheet HTML 2Page - Texas Instruments OPAX170 Datasheet HTML 3Page - Texas Instruments OPAX170 Datasheet HTML 4Page - Texas Instruments OPAX170 Datasheet HTML 5Page - Texas Instruments OPAX170 Datasheet HTML 6Page - Texas Instruments OPAX170 Datasheet HTML 7Page - Texas Instruments OPAX170 Datasheet HTML 8Page - Texas Instruments OPAX170 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
PackageFootprintComparison(toScale)
PackageHeight
(toScale)
Comparison
D(SO-8)
DBV(SOT23-5)
DRL(SOT553)
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA170, OPA2170, OPA4170
SBOS557E – AUGUST 2011 – REVISED APRIL 2018
OPAx170 36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line
Series
1
1 Features
1
•
Supply Range: 2.7 V to 36 V, ±1.35 V to ±18 V
•
Low Noise: 19 nV/
√Hz
•
RFI Filtered Inputs
•
Input Range Includes the Negative Supply
•
Input Range Operates to Positive Supply
•
Rail-to-Rail Output
•
Gain Bandwidth: 1.2 MHz
•
Low Quiescent Current: 110 µA per Amplifier
•
High Common-Mode Rejection: 120 dB
•
Low Bias Current: 15 pA (Maximum)
•
Industry-Standard Packages and micro Packages
Available
•
Create a Custom Design Using the OPAx170 With
the WEBENCH® Power Designer
2 Applications
•
Tracking Amplifier in Power Modules
•
Merchant Power Supplies
•
Transducer Amplifiers
•
Bridge Amplifiers
•
Temperature Measurements
•
Strain Gauge Amplifiers
•
Precision Integrators
•
Battery-Powered Instruments
•
Test Equipment
3 Description
The OPA170, OPA2170, and OPA4170 devices
(OPAx170) are a family of 36-V, single-supply, low-
noise operational amplifiers (op amps) that feature
micro packages with the ability to operate on supplies
ranging from 2.7 V (±1.35 V) to 36 V (±18 V). They
offer good offset, drift, and bandwidth with low
quiescent
current.
The
single,
dual,
and
quad
versions all have identical specifications for maximum
design flexibility.
Unlike most op amps, which are specified at only one
supply voltage, the OPAx170 family of op amps is
specified from 2.7 V to 36 V. Input signals beyond the
supply rails do not cause phase reversal. The
OPAx170 family is stable with capacitive loads up to
300 pF. The input can operate 100 mV below the
negative rail and within 2 V of the positive rail for
normal operation. Note that these devices can
operate with full rail-to-rail input 100 mV beyond the
positive rail, but with reduced performance within 2 V
of the positive rail. The OPAx170 op amps are
specified from –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA170
SOIC (8)
4.90 mm × 3.91 mm
SOT (5)
1.60 mm × 1.20 mm
SOT-23 (5)
2.90 mm × 1.60 mm
OPA2170
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
VSSOP (8), micro size
2.30 mm × 2.00 mm
WSON (8)
2.00 mm × 2.00 mm
OPA4170
SOIC (14)
8.65 mm × 3.91 mm
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Smallest Packaging for 36-V Operational Amplifiers


Similar Part No. - OPAX170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPAX170 TI2-OPAX170 Datasheet
4Mb / 60P
OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
REVISED MAY 2018
OPAx170-Q1 TI1-OPAx170-Q1 Datasheet
1Mb / 35P
36-V, Single-Supply, Low-Power, Automotive Grade Operational Amplifiers
More results

Similar Description - OPAX170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_11 Datasheet
1Mb / 30P
36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA2171-EP TI-OPA2171-EP_15 Datasheet
1Mb / 28P
OPA2171-EP 36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI-OPA170_15 Datasheet
2Mb / 34P
36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
OPA171 TI1-OPA171_15 Datasheet
1Mb / 43P
Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI1-OPA2171-EP Datasheet
1Mb / 28P
Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI1-OPA170_18 Datasheet
3Mb / 56P
36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com