Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX170 Datasheet(PDF) 24 Page - Texas Instruments

Part # OPAX170
Description  OPAx170 36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX170 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPAX170 Datasheet HTML 20Page - Texas Instruments OPAX170 Datasheet HTML 21Page - Texas Instruments OPAX170 Datasheet HTML 22Page - Texas Instruments OPAX170 Datasheet HTML 23Page - Texas Instruments OPAX170 Datasheet HTML 24Page - Texas Instruments OPAX170 Datasheet HTML 25Page - Texas Instruments OPAX170 Datasheet HTML 26Page - Texas Instruments OPAX170 Datasheet HTML 27Page - Texas Instruments OPAX170 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
0
AOL
1/
20
40
60
80
10
100
1k
10k
100k
1M
100
120
10M
100M
Frequency (Hz)
20 dB
ROC
dec
40 dB
1 dec
z
ISO
LOAD
1
f
2
R
C
Œ
u
u
u
p
ISO
o
LOAD
1
f
2
R
R
C
Œ
u
u
u
LOAD
ISO
o
ISO
LOAD
1 + C
× R
× s
T(s) =
1 + R + R
× C
× s
24
OPA170, OPA2170, OPA4170
SBOS557E – AUGUST 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: OPA170 OPA2170 OPA4170
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Typical Application (continued)
•
Run thermal simulations to understand board thermal performance
•
Export customized schematic and layout into popular CAD formats
•
Print PDF reports for the design, and share the design with colleagues
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
9.2.2.2 Unity-Gain Buffer
Figure 41 shows a unity-gain buffer driving a capacitive load. Equation 1 shows the transfer function for the
circuit in Figure 41. Not shown in Figure 41 is the open-loop output resistance of the operational amplifier, Ro.
(1)
The transfer function in Equation 1 has a pole and a zero. The frequency of the pole (fp) is determined by (Ro +
RISO) and CLOAD. Components RISO and CLOAD determine the frequency of the zero (fz). A stable system is
obtained by selecting RISO such that the rate of closure (ROC) between the open-loop gain (AOL) and 1/β is 20
dB/decade. Figure 42 depicts the concept. The 1/β curve for a unity-gain buffer is 0 dB.
Figure 42. Unity-Gain Amplifier With RISO Compensation
ROC stability analysis is typically simulated. The validity of the analysis depends on multiple factors, especially
the accurate modeling of Ro. In addition to simulating the ROC, a robust stability analysis includes a
measurement of overshoot percentage and ac gain peaking of the circuit using a function generator,
oscilloscope, and gain and phase analyzer. Phase margin is then calculated from these measurements. Table 3
shows the overshoot percentage and ac gain peaking that correspond to phase margins of 45° and 60°. For
more details on this design and other alternative devices that can be used in place of the OPA170, see the
Precision Design, Capacitive Load Drive Solution Using an Isolation Resistor.
Table 3. Phase Margin versus Overshoot and AC Gain
Peaking
PHASE
MARGIN
OVERSHOOT
AC GAIN PEAKING
45°
23.3%
2.35 dB
60°
8.8%
0.28 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com