Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX170 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPAX170
Description  OPAx170 36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX170 Datasheet(HTML) 4 Page - Texas Instruments

  OPAX170 Datasheet HTML 1Page - Texas Instruments OPAX170 Datasheet HTML 2Page - Texas Instruments OPAX170 Datasheet HTML 3Page - Texas Instruments OPAX170 Datasheet HTML 4Page - Texas Instruments OPAX170 Datasheet HTML 5Page - Texas Instruments OPAX170 Datasheet HTML 6Page - Texas Instruments OPAX170 Datasheet HTML 7Page - Texas Instruments OPAX170 Datasheet HTML 8Page - Texas Instruments OPAX170 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
1
2
3
4
8
7
6
5
NC
(1)
V+
OUT
NC
(1)
NC
(1)
-IN
+IN
V-
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
1
2
3
5
4
V+
OUT
IN+
V
-
IN
-
4
OPA170, OPA2170, OPA4170
SBOS557E – AUGUST 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: OPA170 OPA2170 OPA4170
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
6 Pin Configuration and Functions
OPA170 DRL Package
5-Pin SOT
Top View
OPA170 DBV Package
5-Pin SOT-23
Top View
OPA170 D Package
8-Pin SOIC
Top View
(1)
NC indicates no internal connection.
Pin Functions: OPA170
PIN
I/O
DESCRIPTION
NAME
SOT
SOT-23
D
IN– (–IN)
3
4
2
I
Negative (inverting) input
IN+ (+IN)
1
3
3
I
Positive (noninverting) input
NC(1)
—
—
1, 5, 8
—
No internal connection (can be left floating)
OUT
4
1
6
O
Output
V+
5
5
7
—
Positive (highest) power supply
V–
2
2
4
—
Negative (lowest) power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com