Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX170 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPAX170
Description  OPAx170 36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX170 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPAX170 Datasheet HTML 17Page - Texas Instruments OPAX170 Datasheet HTML 18Page - Texas Instruments OPAX170 Datasheet HTML 19Page - Texas Instruments OPAX170 Datasheet HTML 20Page - Texas Instruments OPAX170 Datasheet HTML 21Page - Texas Instruments OPAX170 Datasheet HTML 22Page - Texas Instruments OPAX170 Datasheet HTML 23Page - Texas Instruments OPAX170 Datasheet HTML 24Page - Texas Instruments OPAX170 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
W
W
W
W
OPA170
R =
I
10kW
R
OUT
C
L
R
F
=10kW
+18V
-18V
G=
1
-
W
W
W
W
+18V
-18V
R
OUT
C
L
OPA170
R
L
G=+1
21
OPA170, OPA2170, OPA4170
www.ti.com
SBOS557E – AUGUST 2011 – REVISED APRIL 2018
Product Folder Links: OPA170 OPA2170 OPA4170
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Feature Description (continued)
Another common question involves what happens to the amplifier if an input signal is applied to the input when
the power supplies (V+ or V–) are at 0 V. Again, this question depends on the supply characteristic when at 0 V,
or at a level below the input signal amplitude. If the supplies appear as high impedance, then the input source
supplies the operational amplifier current through the current-steering diodes. This state is not a normal bias
condition; most likely, the amplifier does not operate normally. If the supplies are low impedance, then the current
through the steering diodes can become quite high. The current level depends on the ability of the input source
to deliver current, and any resistance in the input path.
If there is any uncertainty about the ability of the supply to absorb this current, add external Zener diodes to the
supply pins; see Figure 38. Select the Zener voltage so that the diode does not turn on during normal operation.
However, the Zener voltage must be low enough so that the Zener diode conducts if the supply pin begins to rise
above the safe-operating, supply-voltage level.
The OPAx170 input pins are protected from excessive differential voltage with back-to-back diodes; see
Figure 38. In most circuit applications, the input protection circuitry has no effect. However, in low-gain or G = 1
circuits, fast-ramping input signals can forward-bias these diodes because the output of the amplifier cannot
respond rapidly enough to the input ramp. If the input signal is fast enough to create this forward-bias condition,
limit the input signal current to 10 mA or less. If the input signal current is not inherently limited, an input series
resistor can be used to limit the input signal current. This input series resistor degrades the low-noise
performance of the OPAx170. Figure 38 illustrates an example configuration that implements a current-limiting
feedback resistor.
8.3.4 Capacitive Load and Stability
The dynamic characteristics of the OPAx170 have been optimized for common operating conditions. The
combination of low closed-loop gain and high capacitive loads decreases the phase margin of the amplifier and
can lead to gain peaking or oscillations. As a result, heavier capacitive loads must be isolated from the output.
The simplest way to achieve this isolation is to add a small resistor (for example, ROUT equal to 50 Ω) in series
with the output. Refer to Figure 39 and Figure 40 illustrate graphs of small-signal overshoot versus capacitive
load for several values of ROUT. Also, refer to applications bulletin AB-028, Feedback Plots Define Op Amp AC
Performance, for details of analysis techniques and application circuits.
100-mV Output Step
G = 1
Figure 39. Small-Signal Overshoot vs Capacitive Load
100-mV Output Step
G = –1
Figure 40. Small-Signal Overshoot vs Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com