Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX170 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPAX170
Description  OPAx170 36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX170 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPAX170 Datasheet HTML 8Page - Texas Instruments OPAX170 Datasheet HTML 9Page - Texas Instruments OPAX170 Datasheet HTML 10Page - Texas Instruments OPAX170 Datasheet HTML 11Page - Texas Instruments OPAX170 Datasheet HTML 12Page - Texas Instruments OPAX170 Datasheet HTML 13Page - Texas Instruments OPAX170 Datasheet HTML 14Page - Texas Instruments OPAX170 Datasheet HTML 15Page - Texas Instruments OPAX170 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
Normal
Operation
Common-Mode Voltage (V)
5 Typical Units Shown
−500
−300
−100
100
300
500
0
2
4
6
8
10
12
14
16
18
20
VSUPPLY (V)
VSUPPLY = ±1.35V to ± 18V
5 Typical Units Shown
G006
V
=
18.1V
CM
-
Common-Mode Voltage (V)
−1000
−800
−600
−400
−200
0
200
400
600
800
1000
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
5 Typical Units Shown
G003
0
2
4
6
8
10
12
14
16
18
20
Offset Voltage (µV)
Distribution Taken From 400 Amplifiers
G001
0
5
10
15
20
25
Offset Voltage Drift (µV/°C)
Distribution Taken From 104 Amplifiers
G002
12
OPA170, OPA2170, OPA4170
SBOS557E – AUGUST 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: OPA170 OPA2170 OPA4170
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Figure 1. Offset Voltage Production Distribution
Figure 2. Offset Voltage Drift Distribution
Figure 3. Offset Voltage vs Temperature
Figure 4. Offset Voltage vs Common-Mode Voltage
Figure 5. Offset Voltage vs Common-Mode Voltage
(Upper Stage)
Figure 6. Offset Voltage vs Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com