Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85WMX6E Datasheet(PDF) 6 Page - STMicroelectronics

Part # M41ST85WMX6E
Description  3.0/3.3 V I²C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMX6E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M41ST85WMX6E Datasheet HTML 2Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 3Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 4Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 5Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 6Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 7Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 8Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 9Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Description
M41ST85W
6/43
DocID7531 Rev 12
1
Description
The M41ST85W is a combination serial real-time clock, microprocessor supervisor, and
NVRAM supervisor. It is built in a low-power CMOS SRAM process and has a 64-byte
memory space with 44 bytes of NVRAM and 20 memory-mapped RTC registers (see Table
on page 20
). The RTC registers are configured in binary coded decimal (BCD) format.
The M41ST85W combines a 400 kHz I²C serial RTC with an automatic backup battery
switchover circuit for powering an external LPSRAM as well as the internal RTC. When
power begins to fail, the switchover automatically connects to the backup battery to keep the
RTC and external LPSRAM alive in the absence of system power. Access to the LPSRAM is
also cut off via a chip-enable gate function, thereby write-protecting the memory. A
programmable watchdog and power-on reset/low voltage detect function are the key
elements in the microprocessor supervisor section.
The real-time clock includes a built-in 32.768 kHz oscillator (crystal-controlled), which
provides the time base for the timekeeping and calendar functions. Eight of the 20 clock
registers provide the basic clock/calendar functions while the other 12 bytes provide
status/control for the alarm, watchdog, and squarewave functions.
RTC addresses and data are transferred serially via the two-line, bidirectional I²C interface.
The built-in address register is incremented automatically after each WRITE or READ data
byte.
The M41ST85W has a built-in power sense circuit which detects power failures and
automatically switches to the backup battery when a power failure occurs. During an
outage, the power to sustain the SRAM and clock operations is typically supplied by a small
lithium button-cell battery as is the case when using the SNAPHAT® package option.
Functions available to the user include a non-volatile, time-of-day clock/calendar, alarm
interrupts, watchdog timer, and programmable squarewave generator. Other features
include a power-on reset as well as two additional debounce reset inputs (RSTIN1 and
RSTIN2) which can also generate an output reset (RST).
The eight registers for basic clock/calendar functions contain the century, year, month, date,
day, hour, minute, second, and tenths/hundredths of a second in 24-hour BCD format.
Corrections for 28, 29 (leap year - valid until year 2100), 30 and 31 day months are made
automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com