Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85WMX6E Datasheet(PDF) 25 Page - STMicroelectronics

Part # M41ST85WMX6E
Description  3.0/3.3 V I²C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMX6E Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M41ST85WMX6E Datasheet HTML 21Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 22Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 23Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 24Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 25Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 26Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 27Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 28Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
DocID7531 Rev 12
25/43
M41ST85W
Clock operation
43
The watchdog timer can be reset by two methods: 1) a transition (high-to-low or low-to-high)
can be applied to the watchdog input pin (WDI) or 2) the microprocessor can perform a
WRITE of the watchdog register. The time-out period then starts over.
Note:
The WDI pin should be tied to VSS if not used.
In order to perform a software reset of the watchdog timer, the original time-out period can
be written into the watchdog register, effectively restarting the count-down cycle.
Should the watchdog timer time-out, and the WDS bit is programmed to output an interrupt,
a value of 00h needs to be written to the watchdog register in order to clear the IRQ/FT/OUT
pin. This will also disable the watchdog function until it is again programmed correctly. A
READ of the flags register will reset the watchdog flag (bit D7; register 0Fh).
The watchdog function is automatically disabled upon power-up and the watchdog register
is cleared. If the watchdog function is set to output to the IRQ/FT/OUT pin and the frequency
test function is activated, the watchdog function prevails and the frequency test function is
denied.
3.6
Square wave output
The M41ST85W offers the user a programmable square wave function which is output on
the SQW pin. RS3-RS0 bits located in 13h establish the square wave output frequency.
These frequencies are listed in Table 4. Once the selection of the SQW frequency has been
completed, the SQW pin can be turned on and off under software control with the square
wave enable bit (SQWE) located in register 0Ah.
Table 4. Square wave output frequency
Square wave bits
Square wave
RS3
RS2
RS1
RS0
Frequency
Units
0
0
0
0
None
–
0
0
0
1
32.768
kHz
0
0
1
0
8.192
kHz
0
0
1
1
4.096
kHz
0
1
0
0
2.048
kHz
0
1
0
1
1.024
kHz
0
1
1
0
512
Hz
0
1
1
1
256
Hz
1
0
0
0
128
Hz
1
0
0
1
64
Hz
1
0
1
0
32
Hz
1
0
1
1
16
Hz
1
1
0
0
8
Hz
1
1
0
1
4
Hz
1
1
1
0
2
Hz
1
1
1
1
1
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com