Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85WMX6E Datasheet(PDF) 10 Page - STMicroelectronics

Part # M41ST85WMX6E
Description  3.0/3.3 V I²C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMX6E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M41ST85WMX6E Datasheet HTML 6Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 7Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 8Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 9Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 10Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 11Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 12Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 13Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Description
M41ST85W
10/43
DocID7531 Rev 12
Figure 4. Block diagram
1. Open drain output.
2. Crystal integrated into SOIC package for MX package option.
AI03932
COMPARE
VPFD = 2.65V
VCC
COMPARE
VSO = 2.5V
VOUT
VBL= 2.5V
BL
COMPARE
Crystal
(2)
I2C
INTERFACE
REAL TIME CLOCK
CALENDAR
44 BYTES
USER RAM
RTC w/ALARM
& CALIBRATION
WATCHDOG
SQUARE WAVE
SDA
SCL
1.25V
PFI
PFO
RSTIN1
POR
SQW
RST
(1)
WDI
WDS
AFE
IRQ/FT/OUT
(1)
VBAT
32KHz
OSCILLATOR
COMPARE
RSTIN2
EX
ECON
(Internal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com