Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85WMX6E Datasheet(PDF) 21 Page - STMicroelectronics

Part # M41ST85WMX6E
Description  3.0/3.3 V I²C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMX6E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M41ST85WMX6E Datasheet HTML 17Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 18Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 19Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 20Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 21Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 22Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 23Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 24Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
DocID7531 Rev 12
21/43
M41ST85W
Clock operation
43
3.3
Calibrating the clock
The M41ST85W is driven by a quartz controlled oscillator with a nominal frequency of
32,768 Hz. The devices are tested not exceed +/–35 ppm (parts per million) oscillator
frequency error at 25oC, which equates to about +/–1.53 minutes per month. When the
Calibration circuit is properly employed, accuracy improves to better than ±2 ppm at 25°C.
The oscillation rate of crystals changes with temperature (see Figure 13 on page 22).
Therefore, the M41ST85W design employs periodic counter correction. The calibration
circuit adds or subtracts counts from the oscillator divider circuit at the divide by 256 stage,
as shown in Figure 14 on page 22. The number of times pulses which are blanked
(subtracted, negative calibration) or split (added, positive calibration) depends upon the
value loaded into the five calibration bits found in the control register. Adding counts speeds
the clock up, subtracting counts slows the clock down.
The calibration bits occupy the five lower order bits (D4-D0) in the control register (08h).
These bits can be set to represent any value between 0 and 31 in binary form. Bit D5 is a
sign bit; '1' indicates positive calibration, '0' indicates negative calibration. Calibration occurs
within a 64 minute cycle. The first 62 minutes in the cycle may, once per minute, have one
second either shortened by 128 or lengthened by 256 oscillator cycles. If a binary '1' is
loaded into the register, only the first 2 minutes in the 64 minute cycle will be modified; if a
binary 6 is loaded, the first 12 will be affected, and so on.
Therefore, each calibration step has the effect of adding 512 or subtracting 256 oscillator
cycles for every 125,829,120 actual oscillator cycles, that is +4.068 or –2.034 ppm of
adjustment per calibration step in the calibration register. Assuming that the oscillator is
running at exactly 32,768 Hz, each of the 31 increments in the calibration byte would
represent +10.7 or –5.35 seconds per month which corresponds to a total range of +5.5 or
–2.75 minutes per month.
Two methods are available for ascertaining how much calibration a given M41ST85W may
require.
The first involves setting the clock, letting it run for a month and comparing it to a known
accurate reference and recording deviation over a fixed period of time. Calibration values,
including the number of seconds lost or gained in a given period, can be found in application
note AN934, “TIMEKEEPER® calibration.” This allows the designer to give the end user the
ability to calibrate the clock as the environment requires, even if the final product is
packaged in a non-user serviceable enclosure. The designer could provide a simple utility
that accesses the calibration byte.
The second approach is better suited to a manufacturing environment, and involves the use
of the IRQ/FT/OUT pin. The pin will toggle at 512 Hz, when the stop bit (ST, D7 of 01h) is '0,'
the frequency test bit (FT, D6 of 08h) is '1,' the alarm flag enable bit (AFE, D7 of 0Ah) is '0,'
and the watchdog steering bit (WDS, D7 of 09h) is '1' or the watchdog register (09h = 0) is
reset.
Any deviation from 512 Hz indicates the degree and direction of oscillator frequency shift at
the test temperature. For example, a reading of 512.010124 Hz would indicate a +20 ppm
oscillator frequency error, requiring a –10 (XX001010) to be loaded into the calibration byte
for correction. Note that setting or changing the calibration byte does not affect the
frequency test output frequency.
The IRQ/FT/OUT pin is an open drain output which requires a pull-up resistor to VCC for
proper operation. A 500 to 10 k resistor is recommended in order to control the rise time.
The FT bit is cleared on power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com