Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85WMX6E Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41ST85WMX6E
Description  3.0/3.3 V I²C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMX6E Datasheet(HTML) 1 Page - STMicroelectronics

  M41ST85WMX6E Datasheet HTML 1Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 2Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 3Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 4Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 5Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 6Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 7Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 8Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
This is information on a product in full production.
March 2024
DocID7531 Rev 12
1/43
M41ST85W
3.0/3.3 V I²C combination serial RTC, NVRAM supervisor and
microprocessor supervisor
Datasheet
- production data
Features
• Automatic battery switchover and WRITE
protect for:
– Internal serial RTC and
– External low power SRAM (LPSRAM)
• 32 kHz crystal oscillator integrating load
capacitance (12.5 pF) providing exceptional
oscillator stability and high crystal series
resistance operation
• 400 kHz I²C serial interface
• 3.0/3.3 V operating voltage
– VCC = 2.7 to 3.6 V
• Ultralow battery supply current of 500 nA (max)
• RoHS compliant
– Lead-free second level interconnect
Serial RTC features
• 400 kHz I²C
• 44 bytes of general purpose NVRAM
• Counters for:
– Seconds, minutes, hours, day, date, month,
and year
– Century
– Tenths/hundredths of seconds
– Clock calibration register allows
compensation for crystal variations over
temperature
• Programmable alarm with repeat modes
• Functions in battery back-up mode
• Power-down timestamp (HT bit)
• 2.5 to 5.5 V oscillator operating voltage
Microprocessor supervisor features
• Programmable watchdog
• 62.5 ms to 128 s time-out period
• Early power-fail warning circuit (PFI/PFO) with
1.25 V precision reference
• Power-on reset/low voltage detect
– Open drain reset output
– Reset voltage, VPFD = 2.60 V (nom)
– Two reset input pins
– Watchdog can be steered to reset output
NVRAM supervisor features
• Non-volatizes external LPSRAM
– Automatically switches to back-up battery
and deselects (write-protects) external
LPSRAM via chip-enable gate
– Power-fail deselect (write protect) voltage,
VPFD = 2.60 V (nom)
– Switchover, VSO = 2.50 V (nom)
• Battery monitor (battery low flag)
Other features
• Programmable squarewave generator (1 Hz to
32 kHz)
• – 40°C to +85°C operation
• Package options:
– 28-lead SNAPHAT® IC (SOH28)
SNAPHAT battery/crystal top to be ordered
separately
– 28-lead embedded crystal SOIC (SOX28)
28
1
SNAPHAT battery & crystal
SOH28
Embedded crystal
SOX28
www.st.com


Similar Part No. - M41ST85WMX6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST85WMX6E STMICROELECTRONICS-M41ST85WMX6E Datasheet
606Kb / 34P
3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
Jan-2006
M41ST85WMX6E STMICROELECTRONICS-M41ST85WMX6E Datasheet
369Kb / 41P
3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
03-Oct-2007
More results

Similar Description - M41ST85WMX6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST85Y STMICROELECTRONICS-M41ST85Y Datasheet
530Kb / 34P
5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
Sep-2004
M41T315Y STMICROELECTRONICS-M41T315Y Datasheet
404Kb / 24P
Serial Access Phantom RTC Supervisor
Jun-2004
M41ST87W STMICROELECTRONICS-M41ST87W Datasheet
733Kb / 42P
5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
Mar-2006
M41ST85W STMICROELECTRONICS-M41ST85W_06 Datasheet
606Kb / 34P
3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
Jan-2006
M41T315Y STMICROELECTRONICS-M41T315Y_07 Datasheet
241Kb / 30P
Serial access phantom RTC supervisor
26-Nov-2007
M41ST85W STMICROELECTRONICS-M41ST85W_07 Datasheet
369Kb / 41P
3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
03-Oct-2007
M41ST87Y STMICROELECTRONICS-M41ST87Y_08 Datasheet
461Kb / 48P
5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
10-Sep-2008
M41ST87Y STMICROELECTRONICS-M41ST87Y_10 Datasheet
695Kb / 52P
5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
31-Mar-2010
M41ST85W STMICROELECTRONICS-M41ST85W_11 Datasheet
450Kb / 43P
3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
03-Oct-2011
M41ST87W STMICROELECTRONICS-M41ST87W_11 Datasheet
787Kb / 54P
5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
03-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com