Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85WMX6E Datasheet(PDF) 24 Page - STMicroelectronics

Part # M41ST85WMX6E
Description  3.0/3.3 V I²C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMX6E Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M41ST85WMX6E Datasheet HTML 20Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 21Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 22Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 23Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 24Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 25Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 26Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 27Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Clock operation
M41ST85W
24/43
DocID7531 Rev 12
Figure 16. Backup mode alarm waveform
3.5
Watchdog timer
The watchdog timer can be used to detect an out-of-control microprocessor. The user
programs the watchdog timer by setting the desired amount of time-out into the watchdog
register, address 09h. Bits BMB4-BMB0 store a binary multiplier and the two lower order bits
RB1-RB0 select the resolution, where 00 = 1/16 second, 01 = 1/4 second, 10 = 1 second,
and 11 = 4 seconds. The amount of time-out is then determined to be the multiplication of
the five-bit multiplier value with the resolution. (For example: writing 00001110 in the
watchdog register = 3*1 or 3 seconds).
Note:
The accuracy of the timer is within ± the selected resolution.
If the processor does not reset the timer within the specified period, the M41ST85W sets the
WDF (watchdog flag) and generates a watchdog interrupt or a microprocessor reset.
The most significant bit of the watchdog register is the watchdog steering bit (WDS). When
set to a '0,' the watchdog will activate the IRQ/FT/OUT pin when timed-out. When WDS is
set to a '1,' the watchdog will output a negative pulse on the RST pin for trec. The watchdog
register, FT, AFE, ABE and SQWE bits will reset to a '0' at the end of a watchdog time-out
when the WDS bit is set to a '1.'
1
0
0
0
0
Once per month
0
0
0
0
0
Once per year
Table 3. Alarm repeat modes
RPT5
RPT4
RPT3
RPT2
RPT1
Alarm setting
AI03920
VCC
IRQ/FT/OUT
VPFD
ABE, AFE Bits in Interrupt Register
AF bit in Flags Register
HIGH-Z
VSO
HIGH-Z
trec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com