Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85WMX6E Datasheet(PDF) 23 Page - STMicroelectronics

Part # M41ST85WMX6E
Description  3.0/3.3 V I²C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMX6E Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M41ST85WMX6E Datasheet HTML 19Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 20Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 21Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 22Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 23Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 24Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 25Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 26Page - STMicroelectronics M41ST85WMX6E Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
DocID7531 Rev 12
23/43
M41ST85W
Clock operation
43
3.4
Setting alarm clock registers
Address locations 0Ah-0Eh contain the alarm settings. The alarm can be configured to go
off at a prescribed time on a specific month, date, hour, minute, or second, or repeat every
year, month, day, hour, minute, or second. It can also be programmed to go off while the
M41ST85W is in the battery backup to serve as a system wake-up call.
Bits RPT5–RPT1 put the alarm in the repeat mode of operation. Table shows the possible
configurations. Codes not listed in the table default to the once per second mode to quickly
alert the user of an incorrect alarm setting.
When the clock information matches the alarm clock settings based on the match criteria
defined by RPT5–RPT1, the AF (alarm flag) is set. If AFE (alarm flag enable) is also set, the
alarm condition activates the IRQ/FT/OUT pin as shown in Figure 15. To disable alarm,
write '0' to the alarm date register and to RPT5–RPT1.
Note:
If the address pointer is allowed to increment to the flag register address, an alarm condition
will not cause the interrupt/flag to occur until the address pointer is moved to a different
address. It should also be noted that if the last address written is the “Alarm Seconds,” the
address pointer will increment to the flag address, causing this situation to occur.
The IRQ/FT/OUT output is cleared by a READ to the flags register. A subsequent READ of
the flags register is necessary to see that the value of the alarm flag has been reset to '0.'
The IRQ/FT/OUT pin can also be activated in the battery backup mode. The IRQ/FT/OUT
will go low if an alarm occurs and both ABE (alarm in battery backup mode enable) and AFE
are set. The ABE and AFE bits are reset during power-up, therefore an alarm generated
during power-up will only set AF. The user can read the flag register at system boot-up to
determine if an alarm was generated while the M41ST85W was in the deselect mode during
power-up. Figure 16 on page 24 illustrates the backup mode alarm timing.
Figure 15. Alarm interrupt reset waveform
AI03664
IRQ/FT/OUT
ACTIVE FLAG
0Fh
0Eh
10h
HIGH-Z
Table 3. Alarm repeat modes
RPT5
RPT4
RPT3
RPT2
RPT1
Alarm setting
1
1
1
1
1
Once per second
1
1
1
1
0
Once per minute
1
1
1
0
0
Once per hour
1
1
0
0
0
Once per day



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com