Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2025 Datasheet(PDF) 17 Page - Texas Instruments

Part # REF2025
Description  REF20xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2025 Datasheet(HTML) 17 Page - Texas Instruments

Back Button REF2025 Datasheet HTML 13Page - Texas Instruments REF2025 Datasheet HTML 14Page - Texas Instruments REF2025 Datasheet HTML 15Page - Texas Instruments REF2025 Datasheet HTML 16Page - Texas Instruments REF2025 Datasheet HTML 17Page - Texas Instruments REF2025 Datasheet HTML 18Page - Texas Instruments REF2025 Datasheet HTML 19Page - Texas Instruments REF2025 Datasheet HTML 20Page - Texas Instruments REF2025 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
9 Detailed Description
9.1 Overview
The REF20xx are a family of dual-output, VREF and VBIAS (VREF / 2) band-gap voltage references. The Section
9.2 section provides a block diagram of the basic band-gap topology and the two buffers used to derive the VREF
and VBIAS outputs. Transistors Q1 and Q2 are biased such that the current density of Q1 is greater than that of
Q2. The difference of the two base emitter voltages (VBE1 – VBE2) has a positive temperature coefficient and is
forced across resistor R5. The voltage is amplified and added to the base emitter voltage of Q2, which has a
negative temperature coefficient. The resulting band-gap output voltage is almost independent of temperature.
Two independent buffers are used to generate VREF and VBIAS from the band-gap voltage. The resistors R1, R2
and R3, R4 are sized such that VBIAS = VREF / 2.
e-Trim™ is a method of package-level trim for the initial accuracy and temperature coefficient of VREF and VBIAS,
implemented during the final steps of manufacturing after the plastic molding process. This method minimizes
the influence of inherent transistor mismatch, as well as errors induced during package molding. e-Trim is
implemented in the REF20xx to minimize the temperature drift and maximize the initial accuracy of both the VREF
and VBIAS outputs.
9.2 Functional Block Diagram
+
+
e-Trim
e-Trim
+
VREF
VBIAS
R3
R4
R1
R2
Q1
Q2
VBE1
VBE2
-
-
+
+
R5
R7
R6
9.3 Feature Description
9.3.1 VREF and VBIAS Tracking
Most single-supply systems require an additional stable voltage in the middle of the analog-to-digital converter
(ADC) input range to bias input bipolar signals. The VREF and VBIAS outputs of the REF20xx are generated from
the same band-gap voltage as shown in the Section 9.2 section. Hence, both outputs track each other over
the full temperature range of –40°C to 125°C with an accuracy of 7 ppm/°C (maximum). The tracking accuracy
increases to 6 ppm/°C (maximum) when the temperature range is limited to –40°C to 85°C. The tracking error is
calculated using the box method, as described by Equation 2:
DIFF(MAX)
DIFF (MIN)
6
REF
V
V
Tracking Error
10
(ppm)
V
Temperature Range
§
·
x
¨
¸
x
©
¹
(2)
where
•
‡
DIFF
REF
BIAS
V
V
2 V
www.ti.com
REF2025, REF2030, REF2033, REF2041
SBOS600E – JULY 2018 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: REF2025 REF2030 REF2033 REF2041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com