Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2025 Datasheet(PDF) 9 Page - Texas Instruments

Part # REF2025
Description  REF20xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2025 Datasheet(HTML) 9 Page - Texas Instruments

Back Button REF2025 Datasheet HTML 5Page - Texas Instruments REF2025 Datasheet HTML 6Page - Texas Instruments REF2025 Datasheet HTML 7Page - Texas Instruments REF2025 Datasheet HTML 8Page - Texas Instruments REF2025 Datasheet HTML 9Page - Texas Instruments REF2025 Datasheet HTML 10Page - Texas Instruments REF2025 Datasheet HTML 11Page - Texas Instruments REF2025 Datasheet HTML 12Page - Texas Instruments REF2025 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
7.6 Typical Characteristics (continued)
At TA = 25°C, IL = 0 mA, VIN = 5-V power supply, CL = 0 µF, and 2.5-V output, unless otherwise noted.
2
2.5
3
3.5
4
4.5
5
±75
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
C018
VBIAS output
Figure 7-19. Line Regulation vs Temperature (VBIAS)
20
40
60
80
100
1
10
100
1k
10k
100k
Frequency (Hz)
C026
V
REF
VBIAS
CL = 0 µF
Figure 7-20. Power-Supply Rejection Ratio vs Frequency
20
40
60
80
100
1
10
100
1k
10k
100k
Frequency (Hz)
C027
VREF
VBIAS
CL = 10 µF
Figure 7-21. Power-Supply Rejection Ratio vs Frequency
Time (500 µs/div)
C006
500 mV/div
40 mV/div
VIN - 0.25 V
VIN + 0.25 V
VIN + 0.25 V
VREF
CL = 1 µF
Figure 7-22. Line Transient Response
Time (500 µs/div)
C006
500 mV/div
40 mV/div
VIN - 0.25V
VIN + 0.25V
VIN + 0.25 V
VREF
CL = 10 µF
Figure 7-23. Line Transient Response
Time (500 µs/div)
C032
+1 mA
+1 mA
- 1 mA
2 mA/div
20 mV/div
VREF
CL = 1 µF
IL = ±1-mA step
Figure 7-24. Load Transient Response
www.ti.com
REF2025, REF2030, REF2033, REF2041
SBOS600E – JULY 2018 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: REF2025 REF2030 REF2033 REF2041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com