Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2025 Datasheet(PDF) 14 Page - Texas Instruments

Part # REF2025
Description  REF20xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2025 Datasheet(HTML) 14 Page - Texas Instruments

Back Button REF2025 Datasheet HTML 10Page - Texas Instruments REF2025 Datasheet HTML 11Page - Texas Instruments REF2025 Datasheet HTML 12Page - Texas Instruments REF2025 Datasheet HTML 13Page - Texas Instruments REF2025 Datasheet HTML 14Page - Texas Instruments REF2025 Datasheet HTML 15Page - Texas Instruments REF2025 Datasheet HTML 16Page - Texas Instruments REF2025 Datasheet HTML 17Page - Texas Instruments REF2025 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
8.2 Long-Term Stability
The long term stability of the REF20xx was collected on 32 parts that were soldered onto Printed Circuit
Boards without any slots or special layout considerations. The boards were then placed into an oven with air
temperature maintained at TA = 35°C. The VREF output of the 32 parts was measured regularly. Typical long term
stability is as shown in Figure 8-4.
Time (hr)
0
100
200
300
400
500
600
700
800
900 1000
-10
-5
0
5
10
15
20
25
30
35
40
45
50
Figure 8-4. Long Term Stability – 1000 hours (VREF)
REF2025, REF2030, REF2033, REF2041
SBOS600E – JULY 2018 – REVISED FEBRUARY 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: REF2025 REF2030 REF2033 REF2041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com