Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2025 Datasheet(PDF) 18 Page - Texas Instruments

Part # REF2025
Description  REF20xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2025 Datasheet(HTML) 18 Page - Texas Instruments

Back Button REF2025 Datasheet HTML 14Page - Texas Instruments REF2025 Datasheet HTML 15Page - Texas Instruments REF2025 Datasheet HTML 16Page - Texas Instruments REF2025 Datasheet HTML 17Page - Texas Instruments REF2025 Datasheet HTML 18Page - Texas Instruments REF2025 Datasheet HTML 19Page - Texas Instruments REF2025 Datasheet HTML 20Page - Texas Instruments REF2025 Datasheet HTML 21Page - Texas Instruments REF2025 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
The tracking accuracy is as shown in Figure 9-1.
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
±75
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
C001
VREF
V
BIAS
Figure 9-1. VREF and VBIAS Tracking vs Temperature
9.3.2 Low Temperature Drift
The REF20xx is designed for minimal drift error, which is defined as the change in output voltage over
temperature. The drift is calculated using the box method, as described by Equation 3:
REF(MAX)
REF(MIN)
6
REF
V
V
Drift
10
(ppm)
V
Temperature Range
§
·
x
¨
¸
x
©
¹
(3)
9.3.3 Load Current
The REF20xx family is specified to deliver a current load of ±20 mA per output. Both the VREF and VBIAS outputs
of the device are protected from short circuits by limiting the output short-circuit current to 50 mA. The device
temperature increases according to Equation 4:
‡
J
A
D
-$
T
T
P
R
(4)
where
• TJ = junction temperature (°C),
• TA = ambient temperature (°C),
• PD = power dissipated (W), and
• RθJA = junction-to-ambient thermal resistance (°C/W)
The REF20xx maximum junction temperature must not exceed the absolute maximum rating of 150°C.
9.4 Device Functional Modes
When the EN pin of the REF20xx is pulled high, the device is in active mode. The device should be in active
mode for normal operation. The REF20xx can be placed in a low-power mode by pulling the ENABLE pin low.
When in shutdown mode, the output of the device becomes high impedance and the quiescent current of the
device reduces to 5 µA in shutdown mode. See the Section 7.5 for logic high and logic low voltage levels.
REF2025, REF2030, REF2033, REF2041
SBOS600E – JULY 2018 – REVISED FEBRUARY 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: REF2025 REF2030 REF2033 REF2041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com