Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2025 Datasheet(PDF) 31 Page - Texas Instruments

Part # REF2025
Description  REF20xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2025 Datasheet(HTML) 31 Page - Texas Instruments

Back Button REF2025 Datasheet HTML 27Page - Texas Instruments REF2025 Datasheet HTML 28Page - Texas Instruments REF2025 Datasheet HTML 29Page - Texas Instruments REF2025 Datasheet HTML 30Page - Texas Instruments REF2025 Datasheet HTML 31Page - Texas Instruments REF2025 Datasheet HTML 32Page - Texas Instruments REF2025 Datasheet HTML 33Page - Texas Instruments REF2025 Datasheet HTML 34Page - Texas Instruments REF2025 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
18-Jun-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
REF2025AIDDCR
SOT-23-
THIN
DDC
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REF2025AIDDCT
SOT-23-
THIN
DDC
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REF2025AIDDCTG4
SOT-23-
THIN
DDC
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REF2025AISDDCR
SOT-23-
THIN
DDC
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REF2030AIDDCR
SOT-23-
THIN
DDC
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REF2030AIDDCRG4
SOT-23-
THIN
DDC
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REF2030AIDDCT
SOT-23-
THIN
DDC
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REF2033AIDDCR
SOT-23-
THIN
DDC
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REF2033AIDDCT
SOT-23-
THIN
DDC
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com