Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2025 Datasheet(PDF) 25 Page - Texas Instruments

Part # REF2025
Description  REF20xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2025 Datasheet(HTML) 25 Page - Texas Instruments

Back Button REF2025 Datasheet HTML 21Page - Texas Instruments REF2025 Datasheet HTML 22Page - Texas Instruments REF2025 Datasheet HTML 23Page - Texas Instruments REF2025 Datasheet HTML 24Page - Texas Instruments REF2025 Datasheet HTML 25Page - Texas Instruments REF2025 Datasheet HTML 26Page - Texas Instruments REF2025 Datasheet HTML 27Page - Texas Instruments REF2025 Datasheet HTML 28Page - Texas Instruments REF2025 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
11 Power-Supply Recommendations
The REF20xx family of references feature an extremely low-dropout voltage. These references can be operated
with a supply of only 20 mV above the output voltage. For loaded reference conditions, a typical dropout
voltage versus load is shown in Figure 11-1. A supply bypass capacitor ranging between 0.1 µF to 10 µF is
recommended.
0
100
200
300
400
±30
±20
±10
0
10
20
30
Load Current (mA)
C005
25°C
±40°C
125°C
Figure 11-1. Dropout Voltage vs Load Current
www.ti.com
REF2025, REF2030, REF2033, REF2041
SBOS600E – JULY 2018 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: REF2025 REF2030 REF2033 REF2041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com