Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2025 Datasheet(PDF) 23 Page - Texas Instruments

Part # REF2025
Description  REF20xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2025 Datasheet(HTML) 23 Page - Texas Instruments

Back Button REF2025 Datasheet HTML 19Page - Texas Instruments REF2025 Datasheet HTML 20Page - Texas Instruments REF2025 Datasheet HTML 21Page - Texas Instruments REF2025 Datasheet HTML 22Page - Texas Instruments REF2025 Datasheet HTML 23Page - Texas Instruments REF2025 Datasheet HTML 24Page - Texas Instruments REF2025 Datasheet HTML 25Page - Texas Instruments REF2025 Datasheet HTML 26Page - Texas Instruments REF2025 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
small load currents. Difference amplifiers typically have a gain of 1 V/V. When the gain is adjustable, these
amplifiers use external resistors that are not conducive to low-drift applications.
10.2.1.2.3 Voltage Reference
The voltage reference for this application should have the following features:
1. Dual output (3.0 V and 1.5 V),
2. Low drift, and
3. Low tracking errors between the two outputs.
For this design, the REF2030 is used. The REF20xx topology is as shown in the Section 9.2 section.
The REF2030 is an excellent choice for this application because of its dual output. The temperature drift of
8 ppm/°C and initial accuracy of 0.05% make the errors resulting from the voltage reference minimal in this
application. In addition, there is minimal mismatch between the two outputs and both outputs track very well
across temperature, as shown in Figure 10-4 and Figure 10-5.
0
10
20
30
40
V
REF and VBIAS Matching (ppm)
C004
Figure 10-4. VREF – 2 × VBIAS Distribution (At TA =
25°C)
0
10
20
30
40
50
60
0
1
2
3
4
5
6
V
REF and VBIAS Tracking Over Temperature (ppm/ƒC)
C016
Figure 10-5. Distribution of VREF – 2 × VBIAS Drift
Tracking Over Temperature
10.2.1.2.4 Results
Table 10-1 summarizes the measured results.
Table 10-1. Measured Results
ERROR
UNCALIBRATED (%)
CALIBRATED (%)
Error across the full load current range (25°C)
±0.0355
±0.004
Error across the full load current range (–40°C to 125°C)
±0.0522
±0.0606
www.ti.com
REF2025, REF2030, REF2033, REF2041
SBOS600E – JULY 2018 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: REF2025 REF2030 REF2033 REF2041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com