Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRC4382IPFBT Datasheet(PDF) 2 Page - Texas Instruments

Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4382IPFBT Datasheet(HTML) 2 Page - Texas Instruments

  SRC4382IPFBT Datasheet HTML 1Page - Texas Instruments SRC4382IPFBT Datasheet HTML 2Page - Texas Instruments SRC4382IPFBT Datasheet HTML 3Page - Texas Instruments SRC4382IPFBT Datasheet HTML 4Page - Texas Instruments SRC4382IPFBT Datasheet HTML 5Page - Texas Instruments SRC4382IPFBT Datasheet HTML 6Page - Texas Instruments SRC4382IPFBT Datasheet HTML 7Page - Texas Instruments SRC4382IPFBT Datasheet HTML 8Page - Texas Instruments SRC4382IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 85 page
background image
www.ti.com
APPLICATIONS
DESCRIPTION
SRC4382
SBFS030C – JANUARY 2006 – REVISED SEPTEMBER 2007
• DIGITAL AUDIO RECORDERS AND
The SRC4382 is a highly-integrated CMOS device
MIXING DESKS
designed for use in professional and broadcast digital
• DIGITAL AUDIO INTERFACES FOR
audio
systems.
The
SRC4382
combines
a
COMPUTERS
high-performance,
two-channel,
asynchronous
sample rate converter (SRC) with a digital audio
• DIGITAL AUDIO ROUTERS AND
interface receiver (DIR) and transmitter (DIT), two
DISTRIBUTION SYSTEMS
audio serial ports, and flexible distribution logic for
• BROADCAST STUDIO EQUIPMENT
interconnection of the function block data and clocks.
• DVD/CD RECORDERS
The DIR and DIT are compatible with the AES3,
• SURROUND SOUND DECODERS AND
S/PDIF, IEC 60958, and EIAJ CP-1201 interface
A/V RECEIVERS
standards. The audio serial ports, DIT, and SRC may
• CAR AUDIO SYSTEMS
be operated at sampling rates up to 216kHz. The DIR
lock range includes sampling rates from 20kHz to
216kHz.
The SRC4382 is configured using on-chip control
registers and data buffers, which are accessed
through either a 4-wire serial peripheral interface
(SPI) port, or a 2-wire Philips I2C bus interface.
Status registers provide access to a variety of flag
and error bits, which are derived from the various
function blocks. An open drain interrupt output pin is
provided, and is supported by flexible interrupt
reporting and mask options via control register
settings. A master reset input pin is provided for
initialization by a host processor or supervisory
functions.
The SRC4382 requires a +1.8V core logic supply, in
addition to a +3.3V supply for powering portions of
the DIR, DIT, and line driver and receiver functions. A
separate logic I/O supply supports operation from
+1.65V to +3.6V, providing compatibility with low
voltage logic interfaces typically found on digital
signal processors and programmable logic devices.
The SRC4382 is available in a lead-free, TQFP-48
package, and is pin- and register-compatible with the
Texas Instruments SRC4392 and DIX4192 products.
2
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): SRC4382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com