Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRC4382IPFBT Datasheet(PDF) 21 Page - Texas Instruments

Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4382IPFBT Datasheet(HTML) 21 Page - Texas Instruments

Back Button SRC4382IPFBT Datasheet HTML 17Page - Texas Instruments SRC4382IPFBT Datasheet HTML 18Page - Texas Instruments SRC4382IPFBT Datasheet HTML 19Page - Texas Instruments SRC4382IPFBT Datasheet HTML 20Page - Texas Instruments SRC4382IPFBT Datasheet HTML 21Page - Texas Instruments SRC4382IPFBT Datasheet HTML 22Page - Texas Instruments SRC4382IPFBT Datasheet HTML 23Page - Texas Instruments SRC4382IPFBT Datasheet HTML 24Page - Texas Instruments SRC4382IPFBT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
www.ti.com
Frequency(kHz)
0
2
4
6
8
10
12
14
16
18
20
22
24
0
-
20
-
40
-
60
-
80
-
100
-
120
-
140
-
160
-
180
-
200
SRC4382
SBFS030C – JANUARY 2006 – REVISED SEPTEMBER 2007
TYPICAL CHARACTERISTICS (continued)
All specifications are at TA = +25C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise
noted.
IMD
(fSIN:fSOUT = 96kHz:48kHz, SMPTE/DIN 1:1, 10kHz and 11kHz,
and –0.1dB Input Amplitude)
Figure 58.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): SRC4382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com