Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRC4382IPFBT Datasheet(PDF) 39 Page - Texas Instruments

Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4382IPFBT Datasheet(HTML) 39 Page - Texas Instruments

Back Button SRC4382IPFBT Datasheet HTML 35Page - Texas Instruments SRC4382IPFBT Datasheet HTML 36Page - Texas Instruments SRC4382IPFBT Datasheet HTML 37Page - Texas Instruments SRC4382IPFBT Datasheet HTML 38Page - Texas Instruments SRC4382IPFBT Datasheet HTML 39Page - Texas Instruments SRC4382IPFBT Datasheet HTML 40Page - Texas Instruments SRC4382IPFBT Datasheet HTML 41Page - Texas Instruments SRC4382IPFBT Datasheet HTML 42Page - Texas Instruments SRC4382IPFBT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
www.ti.com
S
A
A
A
A
A P
Byte1
Slav
Ad
e
dress
wit
R
h
/W=0
Byte2
Reg t
is erAddressByte
wit
I
h NC=1
Byte3
SlaveAddress
withR/W=1
Byte4
Reg t
is erData
ByteN
Reg t
is erData
ForAddress+N
(c)RandomReadOp
mentEnabled
eration,Auto-Incre
S=STARTC
di
on
tion
A=Ackn w
dg
o le
e
A =NotAckno ledge
w
R=Repeated
TART
S
P=STOPCondii n
t o
Transferfrom
ste
Ma
r to Slave
Transferfrom
aveto
Sl
Master
L gend
e
R
S
A
A P
Byte1
SlaveAddre s
s
withR/W=1
Byte2
Reg t
is erAddressByte
withINC=0
(a Cu
)
rrentAd res
heRegister
ddr ss
fthe
vio s
d
A
e
Pre
u
s Read,Assumest
o
S
A
A
A P
Byte1
Slav
Ad
e
dress
withR/W=0
Byte2
Reg t
is erAddressByte
withINC=0
Byte3
Slav
Ad
e
dress
withR/W=1
(b)RandomReadOp
me tDisabled
eration,Auto-Incre
n
R
A
Byte4
RegisterData
INTERRUPT OUTPUT
VIO
10k
W
Tothe
outputsf
INT
or
additionalSRC4382 devices
Interrupt
Logic
SRC4382
MCU,DSP,
orLogic
INT
23
Interrupt
Input
SRC4382
SBFS030C – JANUARY 2006 – REVISED SEPTEMBER 2007
Figure 78. Fast/Standard Mode Read Operations
The SRC4382 includes multiple internal status bits, many of which may be set to trigger an interrupt signal. The
interrupt signal is output at INT (pin 23), which is an active low, open-drain output. The INT pin requires a pull-up
resistor to the VIO supply rail. The value of the pull-up is not critical, but a 10k
Ω device should be sufficient for
most applications. Figure 79 shows the interrupt output pin connection. The open-drain output allows interrupt
pins from multiple SRC4382 devices to be connected in a wired OR configuration.
Figure 79. Interrupt Output Pin Connections
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): SRC4382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com