Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRC4382IPFBT Datasheet(PDF) 4 Page - Texas Instruments

Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4382IPFBT Datasheet(HTML) 4 Page - Texas Instruments

  SRC4382IPFBT Datasheet HTML 1Page - Texas Instruments SRC4382IPFBT Datasheet HTML 2Page - Texas Instruments SRC4382IPFBT Datasheet HTML 3Page - Texas Instruments SRC4382IPFBT Datasheet HTML 4Page - Texas Instruments SRC4382IPFBT Datasheet HTML 5Page - Texas Instruments SRC4382IPFBT Datasheet HTML 6Page - Texas Instruments SRC4382IPFBT Datasheet HTML 7Page - Texas Instruments SRC4382IPFBT Datasheet HTML 8Page - Texas Instruments SRC4382IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 85 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: General, SRC, DIR, and DIT
SRC4382
SBFS030C – JANUARY 2006 – REVISED SEPTEMBER 2007
All specifications are at TA = +25C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise noted.
SRC4382
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL I/O CHARACTERISTICS
(All I/O Pins Except Line Receivers and Line Driver)
High-Level Input Voltage, VIH
0.7
נ
VIO
VIO
V
Low-Level Input Voltage, VIL
0
0.3
נ
VIO
V
High-Level Input Current, IIH
0.5
10
μA
Low-Level Input Current, VIL
0.5
10
μA
High-Level Output Voltage, VOH
IO = –4mA
0.8
נ
VIO
VIO
V
Low-Level Output Voltage, VOL
IO = +4mA
0
0.2
נ
VIO
V
Input Capacitance, CIN
3
pF
LINE RECEIVER INPUTS
(RX1+, RX1–, RX2+, RX2–, RX3+, RX3–, RX4+, RX4–)
Voltage across a given
Differential Input Sensitivity, VTH
150
200
mV
differential input pair
Input Hysteresis, VHY
150
mV
LINE DRIVER OUTPUTS
(TX+, TX–)
Differential Output Voltage, VTXO
RL = 110Ω Across TX+ and TX–
5.4
VPP
MASTER CLOCK INPUT
Master Clock Input (MCLK) Frequency, fMCLK
1
27.7
MHz
Master Clock Input (MCLK) Duty Cycle, fMCLKD
45
55
%
ASYNCHRONOUS SAMPLE RATE CONVERTER (SRC)
Input or Output Sampling Rate, fSIN or fSOUT
4
216
kHz
Input-to-Output Sampling Ratio
1:16
16:1
Interchannel Gain Mismatch
0
dB
Interchannel Phase Mismatch
0
Degrees
Dynamic Range (no weighting filter applied)(1)
BW = 22Hz to fSOUT/2,
f = 997Hz at –60dBFS
fSIN:fSOUT = 12kHz:192kHz
125
dB
fSIN:fSOUT = 44.1kHz:44.1kHz
125
dB
fSIN:fSOUT = 44.1kHz:48kHz
125
dB
fSIN:fSOUT = 44.1kHz:96kHz
125
dB
fSIN:fSOUT = 44.1kHz:192kHz
125
dB
fSIN:fSOUT = 48kHz:44.1kHz
125
dB
fSIN:fSOUT = 48kHz:48kHz
125
dB
fSIN:fSOUT = 48kHz:96kHz
125
dB
fSIN:fSOUT = 48kHz:192kHz
125
dB
fSIN:fSOUT = 96kHz:44.1kHz
125
dB
fSIN:fSOUT = 96kHz:48kHz
125
dB
fSIN:fSOUT = 96kHz:96kHz
125
dB
fSIN:fSOUT = 96kHz:192kHz
125
dB
fSIN:fSOUT = 192kHz:12kHz
125
dB
fSIN:fSOUT = 192kHz:44.1kHz
125
dB
fSIN:fSOUT = 192kHz:48kHz
125
dB
fSIN:fSOUT = 192kHz:96kHz
125
dB
fSIN:fSOUT = 192kHz:192kHz
125
dB
(1)
Measured with an Audio Precision SYS-2722 192kHz test system with the input and output sampling frequencies asynchronous to one
another. A-weighted dynamic range specifications will be improved by approximately 2dB to 3dB when compared to the results without
A-weighting applied.
4
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): SRC4382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com