Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRC4382IPFBT Datasheet(PDF) 48 Page - Texas Instruments

Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4382IPFBT Datasheet(HTML) 48 Page - Texas Instruments

Back Button SRC4382IPFBT Datasheet HTML 44Page - Texas Instruments SRC4382IPFBT Datasheet HTML 45Page - Texas Instruments SRC4382IPFBT Datasheet HTML 46Page - Texas Instruments SRC4382IPFBT Datasheet HTML 47Page - Texas Instruments SRC4382IPFBT Datasheet HTML 48Page - Texas Instruments SRC4382IPFBT Datasheet HTML 49Page - Texas Instruments SRC4382IPFBT Datasheet HTML 50Page - Texas Instruments SRC4382IPFBT Datasheet HTML 51Page - Texas Instruments SRC4382IPFBT Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 85 page
background image
www.ti.com
REGISTER AND DATA BUFFER ORGANIZATION
CONTROL REGISTERS
SRC4382
SBFS030C – JANUARY 2006 – REVISED SEPTEMBER 2007
The SRC4382 organizes the on-chip registers and data buffers into four pages. The currently active page is
chosen by programming the Page Selection Register to the desired page number. The Page Selection Register
is available on every register page at address 0x7F, allowing easy movement between pages. Table 2 indicates
the page selection corresponding to the Page Selection Register value.
Table 2. Register Page Selection
Page Selection Register Value (Hex)
Selected Register Page
00
Page 0, Control and Status Registers
01
Page 1, DIR Channel Status and User Data Buffers
02
Page 2, DIT Channel Status and User Data Buffers
03
Page 3, Reserved
Register Page 0 contains the control registers utilized to configure the various function blocks within the
SRC4382. In addition, status registers are provided for flag and error conditions, with many of the status bits
capable of generating an interrupt signal when enabled. See Table 3 for the control and status register map.
Register Page 1 contains the digital interface receiver (or DIR) channel status and user data buffers. These
buffers correspond to the data contained in the C and U bits of the previously received block of the
AES3-encoded data stream. The contents of these buffers may be read through the SPI or I2C serial host
interface and processed as needed by the host system. See Table 5 for the DIR channel status buffer map, and
Table 6 for the DIR user data buffer map.
Register Page 2 contains the digital interface transmitter (or DIT) channel status and user data buffers. These
buffers correspond to the data contained in the C and U bits of the transmitted AES3-encoded data stream. The
contents of these buffers may be written through the SPI or I2C serial host interface to configure the C and U bits
of the transmitted AES3 data stream. The buffers may also be read for verification by the host system. See
Table 7 for the DIT channel status buffer map, and Table 8 for the DIT user data buffer map.
Register Page 3 is reserved for factory test and verification purposes, and cannot be accessed without an unlock
code. The unlock code remains private; the test modes disable normal operation of the device, and are not
useful in customer applications.
See Table 3 for the control and status register map of the SRC4382. Register addresses 0x00 and 0x34 through
0x7E are reserved for factory or future use. All register addresses are expressed as hexadecimal numbers. The
following pages provide detailed descriptions for each control and status register.
48
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): SRC4382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com