Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRC4382IPFBT Datasheet(PDF) 1 Page - Texas Instruments

Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4382IPFBT Datasheet(HTML) 1 Page - Texas Instruments

  SRC4382IPFBT Datasheet HTML 1Page - Texas Instruments SRC4382IPFBT Datasheet HTML 2Page - Texas Instruments SRC4382IPFBT Datasheet HTML 3Page - Texas Instruments SRC4382IPFBT Datasheet HTML 4Page - Texas Instruments SRC4382IPFBT Datasheet HTML 5Page - Texas Instruments SRC4382IPFBT Datasheet HTML 6Page - Texas Instruments SRC4382IPFBT Datasheet HTML 7Page - Texas Instruments SRC4382IPFBT Datasheet HTML 8Page - Texas Instruments SRC4382IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
BurrBrown Products
from Texas Instruments
SRC4382
1
FEATURES
SRC4382
SBFS030C – JANUARY 2006 – REVISED SEPTEMBER 2007
Two-Channel, Asynchronous Sample Rate Converter with
Integrated Digital Audio Interface Receiver and Transmitter
• Digital Audio Interface Receiver (DIR)
234
• Two-Channel Asynchronous Sample Rate
–
PLL Lock Range Includes Sampling Rates
Converter (SRC)
from 20kHz to 216kHz
–
Dynamic Range with –60dB Input
–
Includes Four Differential Input Line
(A-Weighted): 128dB typical
Receivers and an Input Multiplexer
–
Total Harmonic Distortion and Noise
–
Bypass Multiplexer Routes Line Receiver
(THD+N) with Full-Scale Input: –125dB
Outputs to Line Driver and Buffer Outputs
typical
–
Block-Sized Data Buffers for Both Channel
–
Supports Audio Input and Output Data
Status and User Data
Word Lengths Up to 24 Bits
–
Automatic Detection of Non-PCM Audio
–
Supports Input and Output Sampling
Streams (DTS CD/LD and IEC 61937
Frequencies Up to 216kHz
formats)
–
Automatic Detection of the Input-to-Output
–
Audio CD Q-Channel Sub-Code Decoding
Sampling Ratio
and Data Buffer
–
Wide Input-to-Output Conversion Range:
–
Status Registers and Interrupt Generation
16:1 to 1:16 Continuous
for Flag and Error Conditions
–
Excellent Jitter Attenuation Characteristics
–
Low Jitter Recovered Clock Output
–
Digital De-Emphasis Filtering for 32kHz,
• Two Audio Serial Ports (Ports A and B)
44.1kHz, and 48kHz Input Sampling Rates
–
Synchronous Serial Interface to External
–
Digital Output Attenuation and Mute
Signal Processors, Data Converters, and
Functions
Logic
–
Output Word Length Reduction
–
Slave or Master Mode Operation with
Sampling Rates up to 216kHz
–
Status Registers and Interrupt Generation
for Sampling Ratio and Ready Flags
–
Supports Left-Justified, Right-Justified, and
Philips I2S™ Data Formats
• Digital Audio Interface Transmitter (DIT)
–
Supports Audio Data Word Lengths Up to
–
Supports Sampling Rates Up to 216kHz
24 Bits
–
Includes Differential Line Driver and
• Four General-Purpose Digital Outputs
CMOS Buffered Outputs
–
Multifunction Programmable Via Control
–
Block-Sized Data Buffers for Both Channel
Registers
Status and User Data
• Extensive Power-Down Support
–
Status Registers and Interrupt Generation
for Flag and Error Conditions
–
Functional Blocks May Be Disabled
Individually When Not In Use
• User-Selectable Serial Host Interface: SPI or
Philips I2C™
• Operates From +1.8V Core and +3.3V I/O
Power Supplies
–
Provides Access to On-Chip Registers and
Data Buffers
• Small TQFP-48 Package, Compatible with the
SRC4392 and DIX4192
U.S. Patent No. 7,262,716
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Dolby is a registered trademark of Dolby Laboratories.
3
I2C, I2S are trademarks of Koninklijke Philips Electronics N.V.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SRC4382IPFBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4382IPFBT BURR-BROWN-SRC4382IPFBT Datasheet
7Mb / 81P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
More results

Similar Description - SRC4382IPFBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4392 BURR-BROWN-SRC4392 Datasheet
6Mb / 79P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4382 BURR-BROWN-SRC4382 Datasheet
7Mb / 81P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Cirrus Logic
CS8422 CIRRUS-CS8422_09 Datasheet
734Kb / 82P
24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422 CIRRUS-CS8422_10 Datasheet
995Kb / 82P
24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
Integrated Digital Audio Interface Receiver and Transmitter
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
Integrated Digital Audio Interface Receiver and Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com