Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRC4382IPFBT Datasheet(PDF) 13 Page - Texas Instruments

Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4382IPFBT Datasheet(HTML) 13 Page - Texas Instruments

Back Button SRC4382IPFBT Datasheet HTML 9Page - Texas Instruments SRC4382IPFBT Datasheet HTML 10Page - Texas Instruments SRC4382IPFBT Datasheet HTML 11Page - Texas Instruments SRC4382IPFBT Datasheet HTML 12Page - Texas Instruments SRC4382IPFBT Datasheet HTML 13Page - Texas Instruments SRC4382IPFBT Datasheet HTML 14Page - Texas Instruments SRC4382IPFBT Datasheet HTML 15Page - Texas Instruments SRC4382IPFBT Datasheet HTML 16Page - Texas Instruments SRC4382IPFBT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
www.ti.com
InputFrequency(Hz)
20
-
115
-
117
-
119
-
121
-
123
-
125
-
127
-
129
-
131
-
133
-
135
-
115
-
117
-
119
-
121
-
123
-
125
-
127
-
129
-
131
-
133
-
135
100
1k
10k
20k
InputFrequency(Hz)
20
-
115
-
117
-
119
-
121
-
123
-
125
-
127
-
129
-
131
-
133
-
135
-
115
-
117
-
119
-
121
-
123
-
125
-
127
-
129
-
131
-
133
-
135
100
1k
10k
20k
InputFrequency(Hz)
20
-
115
-
117
-
119
-
121
-
123
-
125
-
127
-
129
-
131
-
133
-
135
-
115
-
117
-
119
-
121
-
123
-
125
-
127
-
129
-
131
-
133
-
135
100
1k
10k
20k
InputFrequency(Hz)
20
-
115
-
117
-
119
-
121
-
123
-
125
-
127
-
129
-
131
-
133
-
135
-
115
-
117
-
119
-
121
-
123
-
125
-
127
-
129
-
131
-
133
-
135
100
1k
10k
20k
InputFrequency(Hz)
20
-
115
-
117
-
119
-
121
-
123
-
125
-
127
-
129
-
131
-
133
-
135
-
115
-
117
-
119
-
121
-
123
-
125
-
127
-
129
-
131
-
133
-
135
100
1k
10k
20k
InputFrequency(Hz)
20
-
115
-
117
-
119
-
121
-
123
-
125
-
127
-
129
-
131
-
133
-
135
-
115
-
117
-
119
-
121
-
123
-
125
-
127
-
129
-
131
-
133
-
135
100
1k
10k
20k
SRC4382
SBFS030C – JANUARY 2006 – REVISED SEPTEMBER 2007
TYPICAL CHARACTERISTICS (continued)
All specifications are at TA = +25C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise
noted.
THD+N vs INPUT FREQUENCY
THD+N vs INPUT FREQUENCY
(fSIN:fSOUT = 44.1kHz:96kHz and
(fSIN:fSOUT = 44.1kHz:192kHz and
Input Amplitude = 0dBFS)
Input Amplitude = 0dBFS)
Figure 10.
Figure 11.
THD+N vs INPUT FREQUENCY
THD+N vs INPUT FREQUENCY
(fSIN:fSOUT = 48kHz:44.1kHz and Input Amplitude = 0dBFS)
(fSIN:fSOUT = 48kHz:48kHz and Input Amplitude = 0dBFS)
Figure 12.
Figure 13.
THD+N vs INPUT FREQUENCY
THD+N vs INPUT FREQUENCY
(fSIN:fSOUT = 48kHz:96kHz and Input Amplitude = 0dBFS)
(fSIN:fSOUT = 48kHz:192kHz and Input Amplitude = 0dBFS)
Figure 14.
Figure 15.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): SRC4382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com