Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM Datasheet(PDF) 3 Page - Applied Motion Products, Inc.

Part # STM
Description  Integrated Steppers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

STM Datasheet(HTML) 3 Page - Applied Motion Products, Inc.

  STM Datasheet HTML 1Page - Applied Motion Products, Inc. STM Datasheet HTML 2Page - Applied Motion Products, Inc. STM Datasheet HTML 3Page - Applied Motion Products, Inc. STM Datasheet HTML 4Page - Applied Motion Products, Inc. STM Datasheet HTML 5Page - Applied Motion Products, Inc. STM Datasheet HTML 6Page - Applied Motion Products, Inc. STM Datasheet HTML 7Page - Applied Motion Products, Inc. STM Datasheet HTML 8Page - Applied Motion Products, Inc. STM Datasheet HTML 9Page - Applied Motion Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Q Programmer™
Q Programmer™ is used to create stored programs for Q, C and IP models. Q Programmer™ is a robust and powerful program-
ming environment with functionality for multi-tasking, math, conditional processing, register manipulation, encoder following,
analog positioning and more.
Stored Q programs can run stand-alone in Q and IP models, allowing the drive+motor to power up and begin operation on its own.
Stored Q programs can be called from the host in C models using Applied Motion-specific CANopen objects.
ST Configurator™
Used for setup and configuration of the STM drive+motor (all but R models). For more information about ST Configurator™ visit
the Applied Motion Products website.
All software applications run on Windows 7 (32 & 64 bit), Vista, XP, 2000, NT, ME, 98.
3
14
STM17 Torque Curves
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
rps
STM17-3
12V
24V
48V
Current Setting: 2A
I/O Connections
STEP+
STEP-
DIR+
DIR-
EN+
EN-
OUT+
OUT-
V+
V-
IN1+
IN1-
IN2+
IN2-
IN3+
IN3-
OUT+
OUT-
+5V
AIN
GND
3 digital inputs
1 digital output
1 analog input
R R
3 digital inputs
1 digital output
1 analog input
3 digital inputs
1 digital output
R R
STEP+
STEP-
DIR+
DIR-
EN+
EN-
OUT+
OUT-
+5V
AIN
GND
3 digital inputs
1 digital output
1 analog input
R R
R R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com