Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM Datasheet(PDF) 1 Page - Applied Motion Products, Inc.

Part # STM
Description  Integrated Steppers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

STM Datasheet(HTML) 1 Page - Applied Motion Products, Inc.

  STM Datasheet HTML 1Page - Applied Motion Products, Inc. STM Datasheet HTML 2Page - Applied Motion Products, Inc. STM Datasheet HTML 3Page - Applied Motion Products, Inc. STM Datasheet HTML 4Page - Applied Motion Products, Inc. STM Datasheet HTML 5Page - Applied Motion Products, Inc. STM Datasheet HTML 6Page - Applied Motion Products, Inc. STM Datasheet HTML 7Page - Applied Motion Products, Inc. STM Datasheet HTML 8Page - Applied Motion Products, Inc. STM Datasheet HTML 9Page - Applied Motion Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
404 Westridge Dr.
Watsonville, CA 95076
Tel: 800-525-1609
Fax: 831-761-6544
www.applied-motion.com
#006BB3
#FFFFFF
When over a dark color...
#383838
85%k
76%C
68%M
67%Y
90%K
The STM is an
integrated
Drive
+Motor, fusing
step motor and
drive technologies
into a single device,
offering savings
on space, wiring
and cost over
conventional motor
and drive solutions.
Pulse & direction, CW/CCW pulse, A/B
quadrature
Velocity (oscillator) mode
Streaming commands (SCL compatible)
ST Configurator™ software for setup
Executes stored Q programs
Networking with RS-485 or Ethernet
options
Conditional processing & multi-tasking
Math functions, register manipulation
Encoder following
Third-party HMI compatibility
Models
C
IP
C
IP
C
IP
R
R
C
IP
C
IP
C
IP
R
R
DistributeD by:
Integrated Steppers
Drive
Motor
Control
CANopen protocols DS301 and DSP402
Profile Position, Profile Velocity, and Hom-
ing modes
Up to 127 axes per channel
Executed stored Q programs
Dynamic Current Control
Anti-Resonance
Torque Ripple Smoothing
Microstep Emulation
Stall Prevention/Detection
For more information visit: www.applied-motion.com/STM
4/1/2012 925-0009 C
16
Part
Numbers
STM17Q-3AE
X
X
X
X
X
STM17Q-3AN
X
X
X
X
STM17Q-3RE
X
X
X
X
X
STM17Q-3RN
X
X
X
X
STM17S-3AE
X
X
X
X
STM17S-3AN
X
X
X
STM17S-3RE
X
X
X
X
STM17S-3RN
X
X
X
STM17R-3ND
X
X
STM17R-3NE
X
X
X
STM17R-3NN
X
STM17C-3CE
X
X
X
STM17C-3CN
X
X
STM23Q-2AE
X
X
X
X
X
STM23Q-2AN
X
X
X
X
STM23Q-2EE
X
X
X
X
X
STM23Q-2EN
X
X
X
X
STM23Q-2RE
X
X
X
X
X
STM23Q-2RN
X
X
X
X
STM23Q-3AE
X
X
X
X
X
STM23Q-3AN
X
X
X
X
STM23Q-3EE
X
X
X
X
X
STM23Q-3EN
X
X
X
X
STM23Q-3RE
X
X
X
X
X
STM23Q-3RN
X
X
X
X
STM23IP-2EE
X
X
X
X
X
STM23IP-2EN
X
X
X
X
STM23IP-3EE
X
X
X
X
X
STM23IP-3EN
X
X
X
X
Available Part Numbers:
STM17R-3NN
STM23R-2NN
STM24SF-3AN
STM17R-3ND
STM23R-2ND
STM24SF-3AE
STM17R-3NE
STM23R-2NE
STM24SF-3RN
STM17S-3AN
STM23R-3NN
STM24SF-3RE
STM17S-3AE
STM23R-3ND
STM24QF-3AN
STM17S-3RN
STM23R-3NE
STM24QF-3AE
STM17S-3RE
STM23S-2AN
STM24QF-3RN
STM17Q-3AN
STM23S-2AE
STM24QF-3RE
STM17Q-3AE
STM23S-2RN
STM24C-3CN
STM17Q-3RN
STM23S-2RE
STM24C-3CE
STM17Q-3RE
STM23Q-2AN
STM17C-3CN
STM23Q-2AE
STM17C-3CE
STM23Q-2RN
STM23Q-2RE
STM23S-3AN
STM23S-3AE
STM23S-3RN
STM23S-3RE
STM23Q-3AN
STM23Q-3AE
STM23Q-3RN
STM23Q-3RE
STM23C-3CN
STM23C-3CE
STM23S-2AN
NEMA Frame Size
17
23
24
Motor Length (inch)
Series
STM Stepper Drive+Motor
Control Option
Feedback/Rear Shaft
D = Rear shaft w/o encoder
E = 1000 line encoder
N = No encoder/No rear shaft
Communications
A = RS-232
E = Ethernet
R = RS-485
STM Part Number System, 01/10/2012
17S/Q/C
n/a
3.19
17R
n/a
2.64
23S/Q/C/IP
3.64
4.50
23R
3.35
4.21
24SF/QF/C
n/a
4.94
2
3
Q = Q Programmer
QF = Q Programmer w/ Flex I/O
C = CANopen
IP = EtherNet/IP
R = Step & Direction only
S = Velocity & Streaming Commands
SF = Velocity & Streaming Commands
w/ Flex I/O
C = CANopen (requires C control option)
N = None
Pulse & direction, CW/CCW pulse
C
IP
C
IP
C
IP
R
R
EtherNet/IP industrial networking
Same control modes as Q model
Part
Numbers
STM23S-2AE
X
X
X
X
STM23S-2AN
X
X
X
STM23S-2EE
X
X
X
X
STM23S-2EN
X
X
X
STM23S-2RE
X
X
X
X
STM23S-2RN
X
X
X
STM23S-3AE
X
X
X
X
STM23S-3AN
X
X
X
STM23S-3EE
X
X
X
X
STM23S-3EN
X
X
X
STM23S-3RE
X
X
X
X
STM23S-3RN
X
X
X
STM23R-2ND
X
X
STM23R-2NE
X
X
X
STM23R-2NN
X
STM23R-3ND
X
X
STM23R-3NE
X
X
X
STM23R-3NN
X
STM23C-3CE
X
X
X
STM23C-3CN
X
X
STM24QF-3AE
X
X
X
X
X
STM24QF-3AN
X
X
X
X
STM24QF-3RE
X
X
X
X
X
STM24QF-3RN
X
X
X
X
STM24SF-3AE
X
X
X
X
STM24SF-3AN
X
X
X
STM24SF-3RE
X
X
X
X
STM24SF-3RN
X
X
X
STM24C-3CE
X
X
X
STM24C-3CN
X
X
C
IP
C
IP
C
IP
R
R
C
IP
C
IP
C
IP
R
R


Similar Part No. - STM

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
STM APEX-ELECTRONICS-STM Datasheet
725Kb / 6P
Miniature toggle switches
logo
List of Unclassifed Man...
STM-001T-P06 ETC2-STM-001T-P06 Datasheet
69Kb / 1P
UNCONTROLLED ISSUE
STM-1116 ETC-STM-1116 Datasheet
180Kb / 6P
800 - 1000 MHz High Linearity Active Transmit Mixer
logo
SIRENZA MICRODEVICES
STM-1116 SIRENZA-STM-1116 Datasheet
182Kb / 6P
800 - 1000 MHz High Linearity Active Transmit Mixer
logo
List of Unclassifed Man...
STM-16 ETC2-STM-16 Datasheet
231Kb / 6P
16 fold Spectroscopy Amplifier with Discriminators and Multiplicity Trigger
More results

Similar Description - STM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNZ1413 PANASONIC-CNZ1413 Datasheet
56Kb / 3P
Integrated Photosensors
CNZ1414A PANASONIC-CNZ1414A Datasheet
53Kb / 3P
Integrated Photosensor
logo
International Rectifier
IRLSG5653 IRF-IRLSG5653 Datasheet
271Kb / 7P
INTEGRATED SWITCHER
IRIS-X6757 IRF-IRIS-X6757 Datasheet
239Kb / 9P
INTEGRATED SWITCHER
IRIS-A6159 IRF-IRIS-A6159 Datasheet
394Kb / 7P
INTEGRATED SWITCHER
logo
NTE Electronics
NTE1558 NTE-NTE1558 Datasheet
75Kb / 2P
Integrated Circuit
logo
Visual Communications C...
4302H-5V VCC-4302H-5V Datasheet
57Kb / 1P
Integrated Resistor
logo
Maxim Integrated Produc...
MAX11270 MAXIM-MAX11270 Datasheet
1Mb / 46P
Integrated PGA
Rev 0; 8/14
logo
Nippon Pulse America, I...
PJPL28 NPM-PJPL28 Datasheet
272Kb / 1P
Linear Hybrid Steppers
PJPL42 NPM-PJPL42 Datasheet
154Kb / 1P
Linear Hybrid Steppers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com