Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM Datasheet(PDF) 11 Page - Applied Motion Products, Inc.

Part # STM
Description  Integrated Steppers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

STM Datasheet(HTML) 11 Page - Applied Motion Products, Inc.

Back Button STM Datasheet HTML 7Page - Applied Motion Products, Inc. STM Datasheet HTML 8Page - Applied Motion Products, Inc. STM Datasheet HTML 9Page - Applied Motion Products, Inc. STM Datasheet HTML 10Page - Applied Motion Products, Inc. STM Datasheet HTML 11Page - Applied Motion Products, Inc. STM Datasheet HTML 12Page - Applied Motion Products, Inc. STM Datasheet HTML 13Page - Applied Motion Products, Inc. STM Datasheet HTML 14Page - Applied Motion Products, Inc. STM Datasheet HTML 15Page - Applied Motion Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
6
STM23-2 Torque Curves
80
100
120
140
STM23-2
12 VDC
24 VDC
48 VDC
70 VDC
0
20
40
60
0
10
20
30
40
50
rps
150
200
250
STM23-3
12 VDC
24 VDC
48 VDC
70 VDC
0
50
100
0
10
20
30
40
50
rps
Dynamic Current Control
At start-up the drive measures motor parameters, including the resistance and inductance, then uses this information to
optimize the system performance.
Command Signal Smoothing
Command Signal smoothing can soften the effect of immediate changes in
velocity and direction, making the motion of the motor less jerky. An added
advantage is that it can reduce the wear on mechanical components.
Delivers smoother system performance
Torque Ripple Smoothing
All step motors have an inherent low speed torque ripple that can affect the
motion of the motor. By analyzing this torque ripple the system can apply
a negative harmonic to negate this effect, which gives the motor much
smoother motion at low speed.
Delivers smoother motion at lower speeds
Microstep Emulation
With Microstep Emulation, low resolution systems can still provide smooth motion.
The drive can take low-resolution step pulses and create fine resolution micro-step
motion.
Delivers smoother motion in any application
1.8° Steps
Synthesized
Microsteps
Step motor systems have a natural tendency to resonate at certain speeds.
The STM drive+motor automatically calculates the system’s natural frequency
and applies damping to the control algorithm. This greatly improves midrange
stability, allows for higher speeds, greater torque utilization and also improves
settling times.
Anti-Resonance/Electronic Damping
Delivers better motor performance and higher speeds
Self Test & Auto Setup
System runs cooler
Allows for three current settings to help the motor run cooler and reduce
power consumption.
Running Current - the current the drive will deliver for continuous
motion.
Accel Current - the current the drive will deliver when accelerating or
decelerating.
Idle Current - reduces current draw when motor is stationary.
I/O Connections
3 digital inputs
1 digital output
1 analog input
3 digital inputs
1 digital output
C
IP
C
IP
C
R IP
C
R
3 digital inputs
1 digital output
C
IP
C
IP
C
R IP
C
R
STEP+
STEP-
DIR+
DIR-
EN+
EN-
OUT+
OUT-
+5V
AIN
GND
6
5
4
3
3
2
IN1+
IN1-
IN2+
IN2-
IN3+
IN3-
OUT+
OUT-
- +
STEP+
STEP-
DIR+
DIR-
EN+
EN-
OUT+
OUT-
V+
V-
C
IP
C
IP
C
R IP
C
R
3 digital inputs
1 digital output
1 analog input
3 digital inputs
1 digital output
1 analog input
C
IP
C
IP
C
R IP
C
R
C
IP
C
IP
C
R IP
C
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com