Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM Datasheet(PDF) 9 Page - Applied Motion Products, Inc.

Part # STM
Description  Integrated Steppers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

STM Datasheet(HTML) 9 Page - Applied Motion Products, Inc.

Back Button STM Datasheet HTML 5Page - Applied Motion Products, Inc. STM Datasheet HTML 6Page - Applied Motion Products, Inc. STM Datasheet HTML 7Page - Applied Motion Products, Inc. STM Datasheet HTML 8Page - Applied Motion Products, Inc. STM Datasheet HTML 9Page - Applied Motion Products, Inc. STM Datasheet HTML 10Page - Applied Motion Products, Inc. STM Datasheet HTML 11Page - Applied Motion Products, Inc. STM Datasheet HTML 12Page - Applied Motion Products, Inc. STM Datasheet HTML 13Page - Applied Motion Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
STM24 Torque Curves
0
50
100
150
200
250
300
350
0
10
20
30
40
50
rps
STM24-3
12V
24V
48V
70V
9
8
STM24 Dimensions
125.5±1
20.6
60
47.14
15
1.5
51
7
55
I/O Connections
C
IP
C
IP
C
R IP
C
R
4 digital flex I/O
1 analog input
4 digital flex I/O
1 analog input
C
IP
C
IP
C
R IP
C
R
C
IP
C
IP
C
R IP
C
R
3 digital inputs
1 digital output
Integrated Stepper
STM24
• NEMA 24 frame size
• Torque: up to 340 oz-in
• Input voltage: 12-70 VDC
I/O1+
I/O1-
I/O2+
I/O2-
I/O3+
I/O3-
I/O4+
I/O4-
+5V
AIN
GND
6
5
4
3
3
2
IN1+
IN1-
IN2+
IN2-
IN3+
IN3-
OUT+
OUT-
- +
Dimensions in mm
Not to scale
Current Setting: 6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com